Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMDFS2P102 Datasheet(PDF) 4 Page - ON Semiconductor

Part # MMDFS2P102
Description  Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMDFS2P102 Datasheet(HTML) 4 Page - ON Semiconductor

  MMDFS2P102 Datasheet HTML 1Page - ON Semiconductor MMDFS2P102 Datasheet HTML 2Page - ON Semiconductor MMDFS2P102 Datasheet HTML 3Page - ON Semiconductor MMDFS2P102 Datasheet HTML 4Page - ON Semiconductor MMDFS2P102 Datasheet HTML 5Page - ON Semiconductor MMDFS2P102 Datasheet HTML 6Page - ON Semiconductor MMDFS2P102 Datasheet HTML 7Page - ON Semiconductor MMDFS2P102 Datasheet HTML 8Page - ON Semiconductor MMDFS2P102 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MMDFS2P102
http://onsemi.com
4
TYPICAL FET ELECTRICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
Figure 3. On−Resistance versus
Gate−To−Source Voltage
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−To−Source Leakage
Current versus Voltage
1.2
0
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
4.0
3.0
2.0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
3.5
1.0
3.0
2.0
1.0
0
8.0
10
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
0.6
0.4
0.3
0.2
0.1
0
ID, DRAIN CURRENT (AMPS)
0.5
0
0.20
0.16
0.12
0.08
0.04
1.0
−25
25
−50
TJ, JUNCTION TEMPERATURE (°C)
1.2
0.8
0.6
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
5.0
20
0
100
1.0
15
0
1.0
0
0.6
0.2
0.4
0.8
1.0
1.4
1.6
1.5
2.0
2.5
3.0
4.0
2.0
4.0
6.0
1.5
2.0
2.5
3.0
3.5
4.0
50
100
75
1.0
10
10
1.8
0.5
125
150
1.4
1.6
VGS = 10 V
ID = 2.0 A
VGS = 0 V
TJ = 125°C
100
°C
TJ = 25°C
VGS = 4.5 V
10 V
TJ = 25°C
ID = 1.0 A
VDS ≥ 10 V
TJ = − 55°C
100
°C
25
°C
TJ = 25°C
3.1 V
VGS = 2.4 V
10 V
4.5 V
3.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com