Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM8142BV Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM8142BV
Description  EL Sheet Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8142BV Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM8142BV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SM8142
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
EL Sheet Driver
OVERVIEW
The SM8142 is a transformer-less electroluminescent (EL) sheet lamp driver, capable of driving sheets up to
30 cm2 in size. It employs a high-efficiency driver output circuit configuration to control power dissipation. It
is available in ultra-small 8-pin SON (Small Outline Non-leaded) packages*, making possible the construction
of small, thin, low-power driver units.
* : SM8142
×D
FEATURES
I
Dedicated EL driver
I
Noise-less smooth drive waveform
I
High-efficiency output circuit
I
Two oscillator circuits built-in (SM8142A)
I
Stand-by function (SM8142B)
I
Stable temperature characteristics
I
Ultra-small package
I
1.6 to 5.5 V supply voltage
I
0.3 mA typ. (VDD = 3.0 V) current consumption
(excluding coil current)
I
200 Vp-p maximum EL driver voltage
I
31 to 1000 Hz EL drive frequency range
I
0.22 mH minimum coil inductance
ORDERING INFORMATION
D e vice
P a ck ag e
SM8142AD
8-pin SON
SM8142BD
8-pin SON
SM8142AV
8-pin VSOP
SM8142BV
8-pin VSOP


Similar Part No. - SM8142BV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8142B NPC-SM8142B Datasheet
319Kb / 8P
Noise-less smooth drive waveform
More results

Similar Description - SM8142BV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
EL Driver IC
SM8141 NPC-SM8141 Datasheet
81Kb / 8P
EL Sheet Driver
SM8143A NPC-SM8143A Datasheet
75Kb / 6P
EL Sheet Driver
SM8144B NPC-SM8144B Datasheet
69Kb / 6P
EL Sheet Driver
SM8145A NPC-SM8145A Datasheet
112Kb / 7P
Dual EL Driver
logo
Supertex, Inc
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
EL Lamp Driver
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
MEDIUM EL LAMP DRIVER
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A_06 Datasheet
115Kb / 8P
EL Driver
SM8146AD1 NPC-SM8146AD1 Datasheet
304Kb / 19P
EL Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com