Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM842B Datasheet(PDF) 2 Page - ELM Electronics

Part # ELM842B
Description  CMOS Low power operational amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM842B Datasheet(HTML) 2 Page - ELM Electronics

  ELM842B Datasheet HTML 1Page - ELM Electronics ELM842B Datasheet HTML 2Page - ELM Electronics ELM842B Datasheet HTML 3Page - ELM Electronics ELM842B Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Parameter
Symbol
Condition
Min.
Typ. Max.
Unit
Input offset voltage
Vio
Vout=Vdd/2
10
mV
Input bias current
Iib
1
nA
Common-mode input voltage range
Vcmr
0.04
2.90
V
Maximum output voltage swing
Vouts Vid=100mV, RL=200kΩ
2.80
V
Maximum output source current
Isource Vid=100mV
45
100
μA
Open-loop gain
Avd Vout=300mV, RL=200kΩ
80
dB
Common-mode rejection ratio
CMRR
85
dB
Supply voltage rejection ratio
PSRR
80
dB
Current consumption
Iss
Vout=Vdd/2, No-load
145
360
μA
Unity gain bandwidth
GBW
1
MHz
Slew rate
SR
RL=200kΩ, CL=20pF
0.45
1.00
V/μs
Parameter
Symbol
Condition
Min.
Typ. Max.
Unit
Input offset voltage
Vio
Vout=Vdd/2
10
mV
Input bias current
Iib
1
nA
Common-mode input voltage range
Vcmr
0.08
1.45
V
Maximum output voltage swing
Vouts Vid=100mV, RL=200kΩ
1.42
V
Maximum output source current
Isource Vid=100mV
40
90
μA
Open-loop gain
Avd Vout=300mV, RL=200kΩ
75
dB
Common-mode rejection ratio
CMRR
75
dB
Supply voltage rejection ratio
PSRR
75
dB
Current consumption
Iss
Vout=Vdd/2, No-load
130
310
μA
Unity gain bandwidth
GBW
1
MHz
Slew rate
SR
RL=200kΩ, CL=20pF
0.45
1.00
V/μs
■Electrical characteristics
Vss=0V, Top=25°C
■Marking
Symbol
Mark
Content
a
C
ELM842B
b
0 to 9
Lot No.
c
0 to 9
Lot No.
SOT-25
Vss=0V, Top=25°C
ELM842B CMOS Low power operational amplifier
4 -
Vdd=1.5V
Vdd=3.0V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com