Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM842B Datasheet(PDF) 4 Page - ELM Electronics

Part # ELM842B
Description  CMOS Low power operational amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM842B Datasheet(HTML) 4 Page - ELM Electronics

  ELM842B Datasheet HTML 1Page - ELM Electronics ELM842B Datasheet HTML 2Page - ELM Electronics ELM842B Datasheet HTML 3Page - ELM Electronics ELM842B Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
■Typical characteristics
4 -
1
2
3
4
5
6
20
40
60
80
100
120
140
160
180
200
0
Vdd (V)
SOURCE CURRENT - Vdd
-20 -10 0 10 20 30 40 50 60 70
50
100
150
200
Top (�)
Vdd=3V
Vdd=1.5V
SOURCE CURRENT - Top
101
102
103
104
105
106
107
-10
0
10
20
30
40
50
60
70
80
90
100
FREQ (Hz)
Vdd=1.5V
Av -FREQ
1
2
3
4
5
6
20
40
60
80
100
120
140
160
180
200
0
Vdd (V)
No Load
Iss - Vdd
0
1
2
3
4
5
6
10-2
10-1
100
101
102
Vdd (V)
SINK CURRENT - Vdd
1
2
3
4
5
6
1
2
3
4
5
6
0
Vdd (V)
RL=100k�
RL=47k�
RL=20k�
Vout - Vdd
-20 -10 0 10 20 30 40 50 60 70
100
150
200
250
Top (�)
Vdd=3V
Vdd=1.5V
Iss - Top
ELM842B CMOS Low power operational amplifier



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com