Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ELM842B Datasheet(PDF) 3 Page - ELM Electronics

Part # ELM842B
Description  CMOS Low power operational amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

ELM842B Datasheet(HTML) 3 Page - ELM Electronics

  ELM842B Datasheet HTML 1Page - ELM Electronics ELM842B Datasheet HTML 2Page - ELM Electronics ELM842B Datasheet HTML 3Page - ELM Electronics ELM842B Datasheet HTML 4Page - ELM Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
1) Load resistance
ELM842B is designed for low power consumption applications; hence, the output source current is only
90μA (Typ. at Vdd=1.5V). As a result, ELM842B is not able to maintain output voltage swing when trying
to drive small load resistance. Considering this, load and feedback resistance for ELM842B should be
selected carefully.
ELM recommends the following operating temperature range.
< Power supply voltage >
< total resistance value of load/feedback resistor >
Vdd≤5.5V
:
R≥250kΩ
Vdd≤3.6V
:
R≥200kΩ
Vdd≤1.8V
:
R≥150kΩ
ELM842B is designed to be most suitable for single power source; therefore, ELM842B is able to share
power supply with logic circuit one. Meanwhile, ELM842B can also operate from double power sources .To
protect power supplies of ELM842B and logic circuit from noise, please separate wire from power supply
and use decoupling (bypass) capacitor. Using the capacitor can improve PSRR characteristics, especially on
10kHz to 100kHz or more.
When OP-AMP circuit is used with feedback resistor, oscillation may happen in the circuit with loop-gain
like unity gain follower.
a) When large feedback resistance is used, the phase margin is decreased by its combination with the
parasitic capacitance of the input part of OP-AMP. In this situation, please connect small capacitor parallelly
with feedback resistor as shown in fig-1.
b) For capacitive load, external resistor in series connection will be effective as shown in fig-2.
c) Being used as an unity gain follow, ELM842B is able to drive capacitive load of 100pF directly without
oscillation.
ELM842B is able to maintain operation when supply voltage is below 1.2V (Vdd≥1.2V) since all input
voltage is acceptable within the range of power supply voltage. However, AC characteristics will become
weak under this situation because of the decrease of bias current in the IC. For further information, please
contact ELM.
■Note
2) Operation from single power source
3) Feedback
4) Operation at Vdd<1.2V
a) fig-1
b) fig-2
��
�������
���
����
��
�������
���
����
4 -
ELM842B CMOS Low power operational amplifier



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com