Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMW006 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AMW006
Description  Embedded Wi-Fi Networking Solutions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMW006 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AMW006 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 10Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 11Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 12Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 13Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 14Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 15Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 16Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Pinout and Signal Descriptions, Section 5
AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | 9
Pin
Name
Type1
Primary Function
Alternate & Other Function(s)
14
GPIO_6
I/O
SPI0_MISO (M) 5
ADC6 (when SPI not in use).
Not available for digital I/O.
15
GPIO_7
I/O
SPI0_SCK (M) 5
ADC5 (when SPI not in use).
Not available for digital I/O.
16
GPIO_8
I/O
SPI0_MOSI (M) 5
ADC7 (when SPI not in use).
Not available for digital I/O.
17
GPIO_9
I/O
GPIO
UART0_RTS
18
GPIO_10
I/O
GPIO
UART0_CTS, PWM0
19
GPIO_11
I/O
UART0_RX
GPIO, PWM0
20
GPIO_12
I/O
UART0_TX
GPIO, PWM0
21
GPIO_13
I/O
GPIO
PWM1
22
GPIO_14
I/O
GPIO
PWM3
23
GPIO_15
I/O
GPIO
PWM3
24
GPIO_16
I/O
GPIO
PWM6
25
GPIO_17
I/O
GPIO
UART1_RX, ADC3, PWM4
26-27
GND
I/O
Ground
-
28
GPIO_18
I/O
GPIO
-
29
GPIO_19
I/O
GPIO
UART1_TX, ADC2, PWM4
30
GPIO_20
I/O
GPIO
ADC9, PWM2
31
GPIO_21
I/O
GPIO
ADC8, PWM2
32
GPIO_22
I/O
GPIO
UART1_CTS, WAKE, ADC0, PWM1
33
GPIO_23
I/O
GPIO
UART1_RTS, ADC1, PWM4
34
RESET_N
I
System Reset4
35
VDD_WIFI
S
3.3V WLAN supply
-
36-42
GND
S
Ground
-
43
ANTENNA_1
O
Wi-Fi Antenna3
-
44-46
GND
S
Ground
-
47
ANTENNA_2
O
Wi-Fi Antenna3
-
48-52
GND
S
Ground
-
Notes:
1. I = Input, O = Output, S = Supply
2. Factory reset is sampled at power-on-reset and available for other purposes thereafter.
3. Wi-Fi Antenna pins are AC-coupled and have a nominal 50 ohms output impedance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com