Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMW006 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # AMW006
Description  Embedded Wi-Fi Networking Solutions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMW006 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button AMW006 Datasheet HTML 17Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 18Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 19Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 20Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 21Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 22Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 23Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 24Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
Regulatory Certification, Section 7
AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | 17
Additional information on labeling and user information
requirements for Part 15 devices can be found in KDB
Publication 784748 available at the FCC Office of Engi-
neering and Technology (OET) Laboratory Division
Knowledge Database (KDB) at the following website:
https://apps.fcc.gov/oetcf/kdb/index.cfm
RF Exposure
All transmitters regulated by FCC must comply with RF
exposure requirements. OET Bulletin 65, Evaluating
Compliance with FCC Guidelines for Human Exposure to
Radio Frequency Electromagnetic Fields, provides assis-
tance in determining whether proposed or existing
transmitting facilities, operations or devices comply with
limits for human exposure to Radio Frequency (RF) fields
adopted by the Federal Communications Commission
(FCC). The bulletin offers guidelines and suggestions for
evaluating compliance.
If appropriate, compliance with exposure guidelines for
mobile and unlicensed devices can be accomplished by
the use of warning labels and by providing users with in-
formation concerning minimum separation distances
from transmitting structures and proper installation of
antennas.
The following statement must be included as a CAUTION
statement in manuals and OEM products to alert users
of FCC RF exposure compliance:
If the AMW006 module is used in a portable application
(i.e., the antenna is less than 20 cm from persons during
operation), the integrator is responsible for performing
Specific Absorption Rate (SAR) testing in accordance
with FCC rules 2.1091.
Approved External Antenna Types
Modular approval testing of the AMW006 was per-
formed with the antenna types listed in Table 11 - Tested
External Antenna Types.
To maintain modular approval in the United States, only
the tested antenna types shall be used. It is permissible
to use different antenna manufacturers provided the an-
tenna types match: in-band and out-of-band radiation
patterns and antenna gain must be similar to those
tested.
Further Information
Additional information regarding FCC certification and
use of the AMW006 module in the United States is avail-
able from the following sources.
 Federal Communications Commission (FCC)
http://www.fcc.gov.au
 FCC Office of Engineering and Technology (OET) La-
boratory Division Knowledge Database (KDB)
http://apps.fcc.gov/oetcf/kdb/index.cfm
7.2 Canada
The AMW006 module has been certified for use in Can-
ada under Industry Canada (IC) Radio Standards Specifi-
cation (RSS) RSS-210 and RSSGen. Modular approval per-
mits the installation of a module in a host device without
the need to recertify the device.
Labeling and User Information
Requirements
Labeling Requirements for the Host Device (from Section
3.2.1, RSS-Gen, Issue 3, December 2010): The host de-
vice shall be properly labeled to identify the module
within the host device.
The Industry Canada certification label of a module shall
be clearly visible at all times when installed in the host
device, otherwise the host device must be labeled to dis-
play the Industry Canada certification number of the
module, preceded by the words “Contains transmitter
module”, or the word “Contains”, or similar wording ex-
pressing the same meaning, as follows:
To satisfy FCC RF Exposure requirements for mobile
and base station transmission devices, a separation
distance of 20 cm or more should be maintained be-
tween the antenna of this device and persons dur-
ing operation. To ensure compliance, operation at
closer than this distance is not recommended.
The antenna(s) used for this transmitter must not
be co-located or operating in conjunction with any
other antenna or transmitter
Contains transmitter module IC: 11685A-61F8D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com