Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMW006 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AMW006
Description  Embedded Wi-Fi Networking Solutions
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMW006 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AMW006 Datasheet HTML 23Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 24Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 25Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 26Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 27Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 28Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 29Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 30Page - List of Unclassifed Manufacturers AMW006 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Packaging, Handling and Storage, RoHS, Section 8
AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | 23
8.4 Tape and Reel Specifications
Figure 15 - Tape Specifications
Symbol
A0
B0
D0
E
F
K0
Specification (mm)
11.8 ± 0.10
18.1 ± 0.10
1.5 ± 0.10
1.75 ± 0.10
14.2 ± 0.10
2.70 ± 0.10
Symbol
P
P0
P2
T
W
Specification (mm)
20.0 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
0.30 ± 0.05
32.0 ± 0.30
 Tape material : black PS material, in line with ROHS environmental management substances
 Tape thickness: 0.3 mm ± 0.05 mm
 Tape width: 32mm (1.3")
 Protection zone: black PS material
 Distance between chain hole centers within the range of ± 0.2 mm of cumulative error
 Anti-camber at 1 mm / 250 mm
 All dimensions in line with the requirements of EIA-481-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com