Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS3A18PZ Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTLJS3A18PZ
Description  Single P?묬hannel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS3A18PZ Datasheet(HTML) 2 Page - ON Semiconductor

  NTLJS3A18PZ Datasheet HTML 1Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 2Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 3Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 4Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 5Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NTLJS3A18PZ
http://onsemi.com
2
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Max
Unit
Junction−to−Ambient – Steady State (Note 1)
RqJA
69
°C/W
Junction−to−Ambient – t ≤ 5 s (Note 1)
RqJA
37
Junction−to−Ambient – Steady State Min Pad (Note 2)
RqJA
186
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−20
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
ID = −250 mA, Ref to 25°C
11.5
mV/°C
Zero Gate Voltage Drain Current
IDSS
VDS = −16 V, VGS = 0 V
TJ = 25°C
−1.0
mA
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±5.0 V
±5.0
mA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −250 mA
−0.4
−1.0
V
Gate Threshold Temperature Coeffi-
cient
VGS(TH)/TJ
3.9
mV/°C
Drain−to−Source On−Resistance
RDS(on)
VGS = −4.5 V, ID = −7.0 A
14.6
18
mW
VGS = −2.5 V, ID = −5.0 A
20
25
VGS = −1.8 V, ID = −3.0 A
25
50
VGS = −1.5 V, ID = −1.0 A
40
90
Forward Transconductance
gFS
VDS = −15 V, ID = −3.0 A
40
S
CHARGES, CAPACITANCES AND GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = −15 V
2240
pF
Output Capacitance
COSS
240
Reverse Transfer Capacitance
CRSS
210
Total Gate Charge
QG(TOT)
VGS = −4.5 V, VDS = −15 V,
ID = −4.0 A
28
nC
Threshold Gate Charge
QG(TH)
1.0
Gate−to−Source Charge
QGS
2.9
Gate−to−Drain Charge
QGD
8.8
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(ON)
VGS = −4.5 V, VDD = −15 V,
ID = −4.0 A, RG = 1.0 W
8.6
ns
Rise Time
tr
15
Turn−Off Delay Time
td(OFF)
150
Fall Time
tf
88
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Recovery Voltage
VSD
VGS = 0 V, IS = −1.0 A
TJ = 25°C
−0.63
−1.0
V
TJ = 125°C
−0.50
Reverse Recovery Time
tRR
VGS = 0 V, dISD/dt = 100 A/ms,
IS = −1.0 A
26.1
ns
Charge Time
ta
10.2
Discharge Time
tb
15.9
Reverse Recovery Time
QRR
12
nC
3. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2%.
4. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com