Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS3A18PZ Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTLJS3A18PZ
Description  Single P?묬hannel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS3A18PZ Datasheet(HTML) 4 Page - ON Semiconductor

  NTLJS3A18PZ Datasheet HTML 1Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 2Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 3Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 4Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 5Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
NTLJS3A18PZ
http://onsemi.com
4
TYPICAL CHARACTERISTICS
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
QG, TOTAL GATE CHARGE (nC)
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
Figure 10. Diode Forward Voltage vs. Current
RG, GATE RESISTANCE (W)
−VSD, SOURCE−TO−DRAIN VOLTAGE (V)
Figure 11. Threshold Voltage
Figure 12. Single Pulse Maximum Power
Dissipation
TJ, JUNCTION TEMPERATURE (°C)
SINGLE PULSE TIME (s)
VGS = 0 V
TJ = 25°C
f = 1 MHz
Ciss
Coss
Crss
VDS = −15 V
ID = −4.0 A
TJ = 25°C
VDS
VGS
QGS
QGD
VGS = −4.5 V
VDD = −15 V
ID = −4.0 A
td(off)
td(on)
tf
tr
TJ = 25°C
TJ = −55°C
TJ = 125°C
ID = −250 mA
0
400
800
1200
1600
2000
2400
2800
3200
3600
4000
02
46
8
10
12
14
16
18
20
0
2
4
6
8
10
12
14
16
18
0
1
2
3
4
5
0
5
10
15
20
25
30
1.0
10
100
1000
1
10
100
0.1
1.0
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
1.00
−50
−25
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
1.E−01
1.E+01
1.E+03
1.E−03
QT
10
1.1
1.2
0.90
1.E−05



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com