Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTLJS3A18PZ Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLJS3A18PZ
Description  Single P?묬hannel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLJS3A18PZ Datasheet(HTML) 3 Page - ON Semiconductor

  NTLJS3A18PZ Datasheet HTML 1Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 2Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 3Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 4Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 5Page - ON Semiconductor NTLJS3A18PZ Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTLJS3A18PZ
http://onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
−VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
−VGS, GATE VOLTAGE (V)
−ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
−VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS = −1.8 V
−4.0 to −2.5 V
VDS = −5 V
TJ = 25°C
TJ = −55°C
TJ = 125°C
ID = −4.0 A
TJ = 25°C
TJ = 25°C
VGS = −1.8 V
VGS = −2.5 V
VGS = −4.5 V
VGS = −4.5 V
ID = −4.0 A
TJ = 85°C
TJ = 125°C
0
5
10
15
20
25
30
35
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
5
10
15
20
25
30
35
40
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
0.6
50
25
0
25
50
75
100
125
150
100
1000
10000
100000
2
4
6
8
10
12
14
16
18
20
−4.5 V
VGS = −2.0 V
VGS = −1.5 V
0.07
0.08
0.09
0.10
VGS = −1.5 V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com