Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNX-MJS Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DNX-MJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNX-MJS Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DNX-MJS Datasheet HTML 1Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 2Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 3Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 4Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 5Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 6Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 7Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 8Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current;
(tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Power dissipation (at room temperature)
Thermal resistance
- Junction / ambient, Rth JA
- Junction / solder point, Rth JS
(Mounting on FR4 PCB, pad size >= 16 mm2 per pad)
50
100
12
2000
125
-40 … +100
-40 … +100
135
480
230
mA
mA
V
V
˚C
˚C
˚C
mW
K/W
K/W
29/09/2015 V9.0
3
AllnGaP : DNx-MJS
DOMINANT
Opto Technologies
Innovating Illumination
TM
Unit
Characteristics
Value
Temperature coefficient of
IF = 30mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of VF (typ)
IF = 30mA; 0 ˚C <= T <= 100 ˚C
Temperature coefficient of IV (typ)
IF = 30mA; 0 ˚C <= T <= 100 ˚C
nm / K
Symbol
dom (typ)
dom (typ)
TC
0.06
0.07
0.09
0.10
TCV
-5.9
-2.3
-2.0
-1.7
mV / K
TCIV
-0.7
-0.8
-0.9
-1.0
% / K
DNS-MJS
DNA-MJS
DNO-MJS
DNY-MJS
Part Number
DNS-MJS
DNA-MJS
DNO-MJS
DNY-MJS
DNS-MJS
DNA-MJS
DNO-MJS
DNY-MJS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com