Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNX-MJS Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part # DNX-MJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNX-MJS Datasheet(HTML) 2 Page - DOMINANT Semiconductors

  DNX-MJS Datasheet HTML 1Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 2Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 3Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 4Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 5Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 6Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 7Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 8Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
29/09/2015 V9.0
2
DNS-MJS-UV1-1
DNA-MJS-U2V-1
DNO-MJS-VW1-1
DNO-MJS-WX1-1
DNY-MJS-U2V-1
DNY-MJS-V2W-1
Super red, 632nm
Amber, 615nm
Orange, 605nm
Orange, 605nm
Yellow, 587nm
Yellow, 587nm
120
120
120
120
120
120
450.0
560.0
715.0
1125.0
560.0
900.0
AllnGaP : DNx-MJS
Part Ordering
Number
Color
Viewing
Angle˚
Luminous Intensity @ IF = 30mA IV (mcd)
Optical Characteristics at Tj=25˚C
NOTE
1. All part number above comes in a quantity of 3000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. Wavelength binning is carried for all units as per the wavelength-binning table. Only one wavelength group is allowed for each reel.
Min.
Typ.
Max.
715.0
900.0
1125.0
1800.0
900.0
1400.0
900.0
1125.0
1400.0
2240.0
1125.0
1800.0
Typ. (V)
Vf @ If = 30mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Tj=25˚C
Max. (V)
Vr @ Ir = 10uA
Min. (V)
Part Number
DNx-MJS
2.1
2.7
1.9
Min. (V)
12
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com