Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DNX-MJS Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DNX-MJS
Description  High brightness surface mount LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DNX-MJS Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DNX-MJS Datasheet HTML 1Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 2Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 3Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 4Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 5Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 6Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 7Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 8Page - DOMINANT Semiconductors DNX-MJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Luminous Intensity Group at Tj=25˚C
Relative Intensity Vs Forward Current
Forward Current, mA
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
Forward Voltage Vs Forward Current
Forward Current; mA
0
20
40
60
80
1.8
1.9
2
2.1
2.2
2.3
Forward Current Vs Ambient Temperature
Ambient Temperature
0
20
40
60
80
100
0
10
20
30
40
50
60
Relative Intensity vs Wavelength
Wavelength; nm
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
29/09/2015 V9.0
5
AllnGaP : DNx-MJS
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
Radiation Pattern
DOMINANT
Opto Technologies
Innovating Illumination
TM
Relative Intensity Vs Wavelength
Wavelength, nm
400
500
600
700
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Super Red
Amber
Yellow
Orange
Multiple X-Y Plot
Vf
Variables
IF
1.7
1.9
2.1
2.3
2.5
2.7
2.9
0
20
40
60
80
100
Forward Voltage; V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com