Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRH-MJS Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DRH-MJS
Description  High brightness surface mount LED using thin film technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DRH-MJS Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DRH-MJS Datasheet HTML 1Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 2Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 3Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 4Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 5Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 6Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 7Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 8Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
H1
H2
J1
J2
2.85...3.55
3.55...4.50
4.50...5.60
5.60...7.20
Brightness Group
Radiant Intensity
IE(mW/sr)
Luminous Intensity Group at Tj=25˚C
Luminousintensityismeasuredwithanaccuracyof±11%.
25/07/2013V3.0
AlInGaP : DRH-MJS
DOMINANT
Opto Technologies
Innovating Illumination
TM
Forward Voltage (V)
Vf Binning (Optional)
Vf Bin @ 20mA
V1
V2
V3
V4
V5
V6
V7
V8
1.80…1.90
1.90…2.00
2.00…2.10
2.10…2.20
2.20...2.30
2.30...2.40
2.40...2.50
2.50...2.60
Forwardvoltage,Vfismeasuredwithanaccuracyof±0.1V.
Pleaseconsultsales&marketingforspecialpartnumbertoincorporateVfbinning.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com