Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRH-MJS Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DRH-MJS
Description  High brightness surface mount LED using thin film technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DRH-MJS Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DRH-MJS Datasheet HTML 1Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 2Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 3Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 4Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 5Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 6Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 7Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 8Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
Features:
> HighbrightnesssurfacemountLEDusingthinfilmtechnology.
> 120°viewingangle.
> Smallpackageoutline(LxWxH)of3.2x2.8x1.8mm.
> QualifiedaccordingtoJEDECmoisturesensitivityLevel2.
> CompatibletobothIRreflowsoldering.
> Environmentalfriendly;RoHScompliance.
DomiLEDTM
Synonymouswithfunctionandperformance,theDomiLED
TMseriesis
perfectlysuitedforavarietyofcross-industrialapplicationsduetoits
smallpackageoutline,durabilityandsuperiorbrightness.
DATA SHEET:
DomiLEDTM
AlInGaP : DRH-MJS
© 2005 DomiLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Automotive:Interiorapplications,eg:switches,telematics,climate
controlsystem,dashboard,etc
> Signage:fullcolourdisplayvideonoticeboard,signage,specialeffect
lighting.
>Industrial:whitegoods(eg:Oven,microwave,etc.),lightbar,
illuminatedadvertising.
DOMINANT
Opto Technologies
Innovating Illumination
TM
25/07/2013V3.0


Similar Part No. - DRH-MJS

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DRH-120 MEANWELL-DRH-120 Datasheet
252Kb / 2P
120W Single Output Industrial DIN RAIL Power Supply
DRH-120 MEANWELL-DRH-120 Datasheet
277Kb / 2P
120W Single Output Industrial DIN RAIL Power Supply
logo
Total Power Internation...
DRH-120 TOTAL-POWER-DRH-120 Datasheet
317Kb / 2P
120W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRH-120-24 MEANWELL-DRH-120-24 Datasheet
252Kb / 2P
120W Single Output Industrial DIN RAIL Power Supply
DRH-120-24 MEANWELL-DRH-120-24 Datasheet
277Kb / 2P
120W Single Output Industrial DIN RAIL Power Supply
More results

Similar Description - DRH-MJS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DRR-MJS-U2V-1 DOMINANT-DRR-MJS-U2V-1 Datasheet
776Kb / 12P
High brightness surface mount LED using thin film technology
DRS-NRS-TU1-1 DOMINANT-DRS-NRS-TU1-1 Datasheet
783Kb / 12P
High brightness surface mount LED using thin film technology
DDX-XJE DOMINANT-DDX-XJE Datasheet
840Kb / 14P
High brightness surface mount LED using thin film technology
DRX-MJS0 DOMINANT-DRX-MJS0 Datasheet
1Mb / 14P
High brightness surface mount LED using thin film technology
DRX-NJB DOMINANT-DRX-NJB Datasheet
816Kb / 13P
High brightness surface mount LED using thin film technology
DRX-NJE DOMINANT-DRX-NJE Datasheet
953Kb / 12P
High brightness surface mount LED using thin film technology
DRX-RJE DOMINANT-DRX-RJE Datasheet
950Kb / 12P
High brightness surface mount LED using thin film technology
DWX8 DOMINANT-DWX8 Datasheet
1Mb / 13P
High brightness surface mount LED using thin film technology
DWX-MJB DOMINANT-DWX-MJB Datasheet
710Kb / 13P
High brightness surface mount LED using thin film technology
DWX-MJS1 DOMINANT-DWX-MJS1 Datasheet
1,000Kb / 13P
High brightness surface mount LED using thin film technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com