Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRH-MJS Datasheet(PDF) 10 Page - DOMINANT Semiconductors

Part # DRH-MJS
Description  High brightness surface mount LED using thin film technology
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DRH-MJS Datasheet(HTML) 10 Page - DOMINANT Semiconductors

Back Button DRH-MJS Datasheet HTML 5Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 6Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 7Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 8Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 9Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 10Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 11Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 12Page - DOMINANT Semiconductors DRH-MJS Datasheet HTML 13Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
Packaging Specification
Average 1pc DomiLED/Multi DomiLED
1 completed bag (2000pcs)
0.034
190±10
Weight(gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
300x250x250
416x516x476
15reelsMAX
96reelsMAX
Small
Large
For DomiLEDTM
Reel / Box
Quantity / Box (pcs)
Cardboard Box
Size
0.58
1.74
30,000MAX
192,000MAX
Weight (gram)
0.034
190 ± 10
DOMINANT TM
D/C:datecode
S/N:serialno
GROUP:group
QTY:productquantityperreel
PARTNO:partno
LOTNO:lotno
Moisturesensitivitylevel
Moistureabsorbentmaterial+
Moistureindicator
Thereel,moistureabsorbentmaterialandmoistureindicatorare
sealedinsidethemoistureprooffoilbag
Reel
Barcodelabel
DOMINANT
ROHSCompliant
PBFree
Label
25/07/2013V3.0
AlInGaP : DRH-MJS
DOMINANT
Opto Technologies
Innovating Illumination
TM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com