Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAF-PSC Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # MAF-PSC
Description  Super high brightness surface mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MAF-PSC Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  MAF-PSC Datasheet HTML 1Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 2Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 3Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 4Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 5Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 6Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 7Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 8Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
17/03/2015 V3.0
4
DOMINANT
Opto Technologies
Innovating Illumination
TM
MAF-PSC, Warm White Color Grouping
100 InGaN Warm White: MAF-PSC
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
White Bin Structure
Bin
7A1
7A2
7A3
7A4
7B1
7B2
7B3
7B4
7C1
7C2
7C3
7C4
0.4147
0.3814
0.4183
0.3898
0.4242
0.3919
0.4203
0.3833
0.4221
0.3984
0.4259
0.4073
0.4322
0.4096
0.4281
0.4006
0.4342
0.4028
0.4385
0.4119
0.4449
0.4141
0.4403
0.4049
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.4183
0.3898
0.4221
0.3984
0.4281
0.4006
0.4242
0.3919
0.4259
0.4073
0.4299
0.4165
0.4364
0.4188
0.4322
0.4096
0.4385
0.4119
0.4430
0.4212
0.4496
0.4236
0.4449
0.4141
0.4242
0.3919
0.4281
0.4006
0.4342
0.4028
0.4300
0.3939
0.4322
0.4096
0.4364
0.4188
0.4430
0.4212
0.4385
0.4119
0.4449
0.4141
0.4496
0.4236
0.4562
0.4260
0.4513
0.4164
0.4203
0.3833
0.4242
0.3919
0.4300
0.3939
0.4259
0.3853
0.4281
0.4006
0.4322
0.4096
0.4385
0.4119
0.4342
0.4028
0.4403
0.4049
0.4449
0.4141
0.4513
0.4164
0.4465
0.4071
1
2
3
4
0.4300
0.4400
0.4500
3000K
2700K
0.4000
0.4100
0.4200
0.4300
7A2
7A3
7B1
7B2
7B3
7B4
7C1
7C2
7C3
7C4
8A1
8A2
8A3
8A4
7D2
7D3
7D4
8B1
8B4
8B2
8B3
8D1
8D2
8D3
8D4
8C1
8C2
8C3
8C4
3000K
2700K
0.3600
0.3700
0.3800
0.3900
0.4000
0 4000
0 4100
0 4200
0 4300
0 4400
0 4500
0 4600
0 4700
0 4800
0 4900
7A4
7A2
7A3
8A1
8A4
7D1
7D2
7D3
7D4
8D1
8D4
7A1
0.3600
0.4000
0.4100
0.4200
0.4300
0.4400
0.4500
0.4600
0.4700
0.4800
0.4900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com