Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAF-PSC Datasheet(PDF) 10 Page - DOMINANT Semiconductors

Part # MAF-PSC
Description  Super high brightness surface mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MAF-PSC Datasheet(HTML) 10 Page - DOMINANT Semiconductors

Back Button MAF-PSC Datasheet HTML 6Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 7Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 8Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 9Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 10Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 11Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 12Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 13Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 14Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
17/03/2015 V3.0
10
PrimaxPlus • 100 InGaN Warm White: MAF-PSC Package Outlines
Material
Material
Lead-frame
Package
Encapsulant
Soldering Leads
Cu Alloy With Ag Plating
High Temperature Resistant Plastic
Silicone Resin
Ag Plating
DOMINANT
Opto Technologies
Innovating Illumination
TM
Note: This product is Pb free
100 InGaN Warm White: MAF-PSC
DOMINANT Opto Technologies
24/09/13
PrimaxPlus 100 InGaN Warm White MAF-PSC -pv3.docx
Page 1 of 14
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Super high brightness surface mount LED.
120 viewing angle.
Compact package outline (LxW) of 3.7 x 3.5 mm.
Ultra low height profile – 0.8 mm.
Low thermal resistance.
Compatible to IR reflow soldering.
PrimaxPlus 100mA Warm White: MAF-PSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com