Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAF-PSC Datasheet(PDF) 9 Page - DOMINANT Semiconductors

Part # MAF-PSC
Description  Super high brightness surface mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

MAF-PSC Datasheet(HTML) 9 Page - DOMINANT Semiconductors

Back Button MAF-PSC Datasheet HTML 5Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 6Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 7Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 8Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 9Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 10Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 11Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 12Page - DOMINANT Semiconductors MAF-PSC Datasheet HTML 13Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Relative Intensity Vs Forward Current
Forward Current; mA
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Forward Voltage Vs Forward Current
Forward Current; mA
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
4
Relative Intensity Vs Wavelength
Wavelength, nm
400
500
600
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Maximum Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
70
80
90
100
Max Pulse Current vs Duty Cycle
Duty Cycle (%); Tp<=10ms
1
10
100
0
50
100
150
200
250
300
17/03/2015 V3.0
9
Radiation Pattern
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
Relative Intensity Vs Forward Current
Forward Current; mA
0
100
200
300
400
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Forward Current vs Forward Voltage
Forward Voltage; V
2
2.5
3
3.5
4
4.5
0
100
200
300
400
500
Relative Intensity Vs Wavelength
Wavelength; nm
400 450 500 550 600 650 700 750 800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Forward Current Vs Ambient Temperature
Ambient Temperature
Variables
0
10 20 30 40 50 60 70 80 90 100
0
20
40
60
80
100
120
140
160
180
200
Rja=90K/W
Rja=125K/W
DOMINANT
Opto Technologies
Innovating Illumination
TM
Forward Voltage Vs Forward Current
100 InGaN Warm White: MAF-PSC
Relative Intensity Vs Forward Current
Forward Current; mA
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Forward Voltage Vs Forward Current
Forward Current; mA
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
4
Relative Intensity Vs Wavelength
Wavelength; nm
300
500
700
900
1100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Maximum Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
70
80
90
100
Max Pulse Current Vs Duty Cycle
Duty (%); Tp<=10ms
1
10
100
0
50
100
150
200
250
300
Relative Intensity Vs Forward Current
Forward Current, mA
0
100
200
300
400
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Total Flux Vs Forward Current
Forward Current, mA
0
100
200
300
400
0
1
2
3
4
5
6
7
8
9
Forward Current Vs Forward Voltage
Forward Voltage, V
1.4
1.6
1.8
2
2.2
2.4
0
50
100
150
200
250
300
350
Maximum Forward Current Vs Ambient Temperature
Ambient Temperature
0
10
20
30
40
50
60
70
80
90
100
0
20
40
60
80
100
120
140
160
180
200
Relative Intensity Vs Wavelength
Wavelength, nm
500
550
600
650
700
750
800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Forward Current (mA)
Relative Flux Vs Current
IF (mA)
Variables
R Flux Y
0
50
100
150
200
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Forward Voltage Vs Current
IF (mA)
Variables
Fwd Voltage Y
0
50
100
150
200
0
0.5
1
1.5
2
2.5
3
3.5
4
Relative Flux Vs Current
IF (mA)
Variables
R Flux Y
0
50
100
150
200
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Forward Voltage Vs Current
IF (mA)
Variables
Fwd Voltage Y
0
50
100
150
200
0
0.5
1
1.5
2
2.5
3
3.5
4
Relative Flux Vs Forward Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com