Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSF-FSC Datasheet(PDF) 6 Page - DOMINANT Semiconductors

Part # NSF-FSC
Description  Super high brightness surface mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NSF-FSC Datasheet(HTML) 6 Page - DOMINANT Semiconductors

Back Button NSF-FSC Datasheet HTML 2Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 3Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 4Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 5Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 6Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 7Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 8Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 9Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
0.38
0.39
0.4
0.41
0.42
5B3
5B4
4000K
4500K
5B2
5C2
5C1
5D3
5C3
5C4
0.33
0.34
0.35
0.36
0.37
0.38
0.33
0.34
0.35
0.36
0.37
0.38
0.39
0.4
0.41
5A4
5A3
5A1
5A2
5B1
5D1
5D2
5D4
4D
4B
4C
4A
BBL
6
DOMINANT
Opto Technologies
Innovating Illumination
TM
150 InGaN Warm White: NSF-FSC
06/09/2013 V3.0
NSF-FSC, Color Grouping
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
White Bin Structure
Bin
4A
4B
4C
4D
5A1
5A2
5A3
5A4
5B1
5B2
5B3
5B4
0.3530
0.3597
0.3548
0.3736
0.3641
0.3804
0.3615
0.3659
0.3670
0.3578
0.3686
0.3649
0.3744
0.3685
0.3726
0.3612
0.3702
0.3722
0.3719
0.3797
0.3782
0.3837
0.3763
0.3760
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.3615
0.3659
0.3641
0.3804
0.3736
0.3874
0.3702
0.3722
0.3686
0.3649
0.3702
0.3722
0.3763
0.3760
0.3744
0.3685
0.3719
0.3797
0.3736
0.3874
0.3802
0.3916
0.3782
0.3837
0.3590
0.3521
0.3615
0.3659
0.3702
0.3722
0.3670
0.3578
0.3744
0.3685
0.3763
0.3760
0.3825
0.3798
0.3804
0.3721
0.3782
0.3837
0.3802
0.3916
0.3869
0.3958
0.3847
0.3877
0.3512
0.3465
0.3530
0.3597
0.3615
0.3659
0.3590
0.3521
0.3726
0.3612
0.3744
0.3685
0.3804
0.3721
0.3783
0.3646
0.3763
0.3760
0.3782
0.3837
0.3847
0.3877
0.3825
0.3798
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com