Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSF-FSC Datasheet(PDF) 9 Page - DOMINANT Semiconductors

Part # NSF-FSC
Description  Super high brightness surface mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NSF-FSC Datasheet(HTML) 9 Page - DOMINANT Semiconductors

Back Button NSF-FSC Datasheet HTML 5Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 6Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 7Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 8Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 9Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 10Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 11Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 12Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 13Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Relative Intensity Vs Forward Current
Forward Current; mA
0
100
200
300
400
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Forward Current vs Forward Voltage
Forward Voltage; V
2
2.5
3
3.5
4
4.5
0
100
200
300
400
500
Relative Intensity Vs Wavelength
Wavelength; nm
400 450 500 550 600 650 700 750 800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Forward Current Vs Ambient Temperature
Ambient Temperature
Variables
0
10 20 30 40 50 60 70 80 90 100
0
20
40
60
80
100
120
140
160
180
200
9
Radiation Pattern
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
Rja=90K/W
Rja=125K/W
150 InGaN Warm White: NSF-FSC
DOMINANT
Opto Technologies
Innovating Illumination
TM
06/09/2013 V3.0
Relative Intensity Vs Forward Current
Forward Current, mA
0
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
1
1.2
1.4
Forward Voltage Vs Forward Current
Forward Current; mA
0
20 40 60 80 100 120 140 160 180 200
2.5
2.7
2.9
3.1
3.3
3.5
3.7
3.9
Relative Intensity Vs Wavelength
Wavelength; nm
400
450
500
550
600
650
700
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
DOMINANT Opto Technologies
28/10/11
Primax5 150 InGaN White NSW-FSG -pv4
Page 7 of 10
PRELIMINARY
UNDER DEVELOPMENT
Engineering reference data are not verified. The specifications are subject to
change without notice.
Relative flux vs. forward current
Forward voltage vs. forward current
Radiation pattern.
Color Spectrum.
Max current vs. Ambient Temperature
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
0°
0.0
0.2
0.4
0.6
0.8
1.0
1.2
400 450 500 550 600 650 700
Wavelength (nm)
2.5
2.7
2.9
3.1
3.3
3.5
3.7
0 20 40 60 80 100 120 140 160 180 200
IF (mA)
0
20
40
60
80
100
120
140
160
180
200
0 10 20 30 40 50 60 70 80 90 100
Ambient Temperature (C)
Rja=90 K/W
Rja=125
K/W
Relative Flux Vs Forward Current
0
50
100
150
200
0
0.2
0.4
0.6
0.8
1
1.2
1.4
IF (mA)
Relative Intensity Vs Forward Current
Forward Current; mA
0
20
40
60
80
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Forward Voltage Vs Forward Current
Forward Current; mA
0
20
40
60
80
100
0
0.5
1
1.5
2
2.5
3
3.5
4
Relative Intensity Vs Wavelength
Wavelength; nm
300
500
700
900
1100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Maximum Current Vs Ambient Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
10
20
30
40
50
60
70
80
90
100
Max Pulse Current Vs Duty Cycle
Duty (%); Tp<=10ms
1
10
100
0
50
100
150
200
250
300
Relative Intensity Vs Forward Current
Forward Current; mA
0
100
200
300
400
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Forward Current vs Forward Voltage
Forward Voltage; V
2
2.5
3
3.5
4
4.5
0
100
200
300
400
500
Relative Intensity Vs Wavelength
Wavelength; nm
400 450 500 550 600 650 700 750 800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Forward Current Vs Ambient Temperature
Ambient Temperature
Variables
0
10 20 30 40 50 60 70 80 90 100
0
20
40
60
80
100
120
140
160
180
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com