Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NSF-FSC Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # NSF-FSC
Description  Super high brightness surface mount LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

NSF-FSC Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  NSF-FSC Datasheet HTML 1Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 2Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 3Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 4Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 5Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 6Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 7Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 8Page - DOMINANT Semiconductors NSF-FSC Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
06/09/2013 V3.0
1
Features:
> Super high brightness surface mount LED
> 120° viewing angle.
> Compact package outline (LxW) of 5.6 x 3.0 mm.
> Ultra low height profile - 1.2mm.
> Low thermal resistance.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
> Excellent reliability with nitride phosphor system.
PrimaxTM
Synonymous with function and performance, enter the Primax, the new
era of high intensity illumination in LED. With its high flux output and high
luminous intensity, Primax transcends today LED lightings technology
and how we perceive it.
DATA SHEET :
Primax5TM
150 InGaN Warm White : NSF-FSC
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Lighting: garden light, architecture lighting, general lighting. etc
> Backlighting (TFT LCD display), flash light, architectural lighting.
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - NSF-FSC

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NSF030120L3A0 NEXPERIA-NSF030120L3A0 Datasheet
1Mb / 15P
1200 V, 30 mΩ, N-channel SiC MOSFET
1 August 2024
NSF030120L4A0 NEXPERIA-NSF030120L4A0 Datasheet
1Mb / 15P
1200 V, 30 mΩ, N-channel SiC MOSFET
12 August 2024
logo
Nihon Inter Electronics...
NSF03A20 NIEC-NSF03A20 Datasheet
44Kb / 5P
FRD - Low Forward Voltage Drop
logo
Kyocera Kinseki Corpota...
NSF03A20 KSS-NSF03A20 Datasheet
717Kb / 6P
Fast Recovery Diode
logo
National Instruments Co...
NSF03A20 NI-NSF03A20_15 Datasheet
101Kb / 1P
FRED
More results

Similar Description - NSF-FSC

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DPF-EJG-3ZCA-1 DOMINANT-DPF-EJG-3ZCA-1 Datasheet
1Mb / 17P
Super high brightness surface mount LED
MAF-PSC DOMINANT-MAF-PSC Datasheet
1Mb / 17P
Super high brightness surface mount LED
MAW-KZHG DOMINANT-MAW-KZHG Datasheet
1Mb / 14P
Super high brightness surface mount LED
MAW-PSC DOMINANT-MAW-PSC Datasheet
1Mb / 13P
Super high brightness surface mount LED
MAW-YZHG DOMINANT-MAW-YZHG Datasheet
1,014Kb / 15P
Super high brightness surface mount LED
MAX-PHG DOMINANT-MAX-PHG Datasheet
910Kb / 13P
Super high brightness surface mount LED
MBFF-FSC DOMINANT-MBFF-FSC Datasheet
1Mb / 18P
Super high brightness surface mount LED
NGW-WSG DOMINANT-NGW-WSG Datasheet
919Kb / 14P
Super high brightness surface mount LED
NSW-FSC DOMINANT-NSW-FSC Datasheet
1Mb / 15P
Super high brightness surface mount LED
NSW-FSCR9S-1 DOMINANT-NSW-FSCR9S-1 Datasheet
1Mb / 15P
Super high brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com