Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS212 Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS212
Description  Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS212 Datasheet(HTML) 5 Page - ON Semiconductor

  CS212 Datasheet HTML 1Page - ON Semiconductor CS212 Datasheet HTML 2Page - ON Semiconductor CS212 Datasheet HTML 3Page - ON Semiconductor CS212 Datasheet HTML 4Page - ON Semiconductor CS212 Datasheet HTML 5Page - ON Semiconductor CS212 Datasheet HTML 6Page - ON Semiconductor CS212 Datasheet HTML 7Page - ON Semiconductor CS212 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Functional Description
Notes:
1. * Indicates IN1 & loop IN2-3 cannot be used at the same time.
2. This diagram shown CS212 circuit coded to #24.
A typical line signal from the control unit would look like
the following:
The CS212 would decode this into clock and data.
The CS212 accepts addresses and commands in 10-bit word
formats. Three types of words must be generated: Sync,
Read and Write.
SYNC WORD
Synchronization is obtained by providing the CS212 with 8
or more 1's followed by a "0". To prevent a false sync, it is
best to send 0 before the eight 1's. This word insures all cir-
cuits on the same line see the commands at the proper
time.
READ WORD
To check the status of a CS212's inputs: i.e., IN0 and IN1 or
IN2-3, a read word must be sent. The first 5 bits must cor-
respond to the address of the CS212 to be interrogated. Bit
#6 is the address parity bit. It must insure that the first 6
bits are an even number of "1" 's. If the parity is even and
the CS212 to be interrogated has not previously received a
parity error (odd parity), it will transmit its status, along
with an internally generated parity bit. D0 corresponds to
IN0, D1 corresponds to IN1 or IN2-3. After the address
parity bit has been transmitted the controller must pull the
line down to about 7.5V to allow the CS212 to transmit. If a
"1" is to be transmitted, no change will occur on the line. If
a "0" is to be transmitted, the CS212 will then pull the line
down. In either case, the controller must pull the line back
up to 15V in order to continue. If the CS212 has received a
parity fault, it will transmit 3 one's (D0=D1=PD=1). This
will allow the controller to detect a parity error. If a parity
error is detected by the controller, the read word must be
repeated.
TYPICAL READ WORD
Assume that device #24 is to be interrogated and the status
of IN0=1 and IN1=0.
WRITE WORD
In order to update OUT0 and OUT1, a write word must be
sent to the CS212. The first 5 bits must correspond to the
CS212 to be updated. Bit #6 is an address parity bit. It must
insure even parity. D0 corresponds to OUT0 and D1 corre-
sponds to OUT1. An even data parity bit must be received
by the CS212. If the address and data parity are even and
the CS212 has not previously received a parity error, it will
update OUT0 and OUT1. If a parity error was received, the
CS212 will not be updated. In this case, a read word must
be sent to clear the parity fault.
01
1
1
1
00
0
0
0
Data Parity
IN 1 Status
IN 0 Status
"0" for Read
Add Parity
A4=1 x 24 = 16
A3=1 x 23 = 8
A2=0 x 22 = 0
A1=0 x 21 = 0
A0=0 x 20 = 0
Binary = #24
01
1
1
1
00
0
0
0
A0 A1 A2 A3 A4 PA
READ
BIT D0 D1
PD
Transmitted
by Controller
Transmitted
by CS-212
1
11
0
0
111
1
1
SYNC
READ1 READ2
READ3 READ29
SYNC WRITE1 WRITE2
WRITE29
11
1
0
0
Clock
Data
Positive Edge Strobes
Data into an Internal
Shift Resister
11
1
0
0
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Control
Circuit
2121
21229
2123
2122
2 Wire
Transmission
Line
V
CC
(<14V)
To Control
Bell/Det.
Etc.
10k
DET
Loop
1
µF
150
NC
N0
Tranmission Line



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com