Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS212 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CS212
Description  Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS212 Datasheet(HTML) 1 Page - ON Semiconductor

  CS212 Datasheet HTML 1Page - ON Semiconductor CS212 Datasheet HTML 2Page - ON Semiconductor CS212 Datasheet HTML 3Page - ON Semiconductor CS212 Datasheet HTML 4Page - ON Semiconductor CS212 Datasheet HTML 5Page - ON Semiconductor CS212 Datasheet HTML 6Page - ON Semiconductor CS212 Datasheet HTML 7Page - ON Semiconductor CS212 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
s
Receives/Transmits Data
on Only Two Leads
s
Low Current Consumption
s
High Noise Immunity
s
Sabotage Surveilled Loop
Input
Package Options
Security Detector
Serial-Addressable Receiver/Transmitter
CS212
Description
Block Diagram
1
OUT0
2
3
4
5
6
7
8
A4
A3
A2
A1
A0
IN1
IN0
16
15
14
13
12
11
10
9
OUT1
DSR
IN2
IN3
VDD
DATAOUT
Gnd
LINE
16L PDIP & 16L SO Wide
1
CK "1"
V
DATA "1"
DATA "0"
April, 2001 - Rev. 5
ON Semiconductor
2000 South County Trail, East Greenwich, RI 02818
Tel: (401)885–3600 Fax: (401)885–5786
N. American Technical Support: 800-282-9855
Web Site: www.onsemi.com
The S-ART is a 16 pin circuit
designed for data transmission on a
two-lead cable. The circuit is spe-
cially developed for alarm systems
where it is desired to identify each
detector individually. There can be
up to 30 S-ART circuits/detectors
on the same 2-lead cable. This cable
transmits both DC supply to the
S-ART and information to/from the
S-ART.
The S-ART works on the principle
by which an address is sent on the
line cable and the S-ART which rec-
ognizes the address then carries out
the order which can, in principle, be
two things:
1. Transmit data from the line cable
to the S-ART's two outputs OUT0
and OUT1.
2. Answer the S-ART controller
with the condition of the 2 inputs
IN0 and IN1 or IN2-3.
The line signal is divided into 3 lev-
els in order to give a time signal for
synchronizing and a data signal
containing addresses, orders etc.
Typical signal levels for the three
levels would be 15V, 7.5V and 0V.
Block Diagram
Line 1
Controller
Line N
S-ART
A method by
which, in principle,
the system can be
extended to an
infinite number of
S-ART is shown on
the block diagram.
The controller
scans the in/out-
puts of a number
of lines, each with
a maximum of 30
S-ARTs.


Similar Part No. - CS212

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS212 CHERRY-CS212 Datasheet
158Kb / 7P
Security Detector Serial-Addressable Receiver/Transmitter
Rev. 4/21/99
CS212EDW16 CHERRY-CS212EDW16 Datasheet
158Kb / 7P
Security Detector Serial-Addressable Receiver/Transmitter
Rev. 4/21/99
CS212EDWR16 CHERRY-CS212EDWR16 Datasheet
158Kb / 7P
Security Detector Serial-Addressable Receiver/Transmitter
Rev. 4/21/99
CS212EN16 CHERRY-CS212EN16 Datasheet
158Kb / 7P
Security Detector Serial-Addressable Receiver/Transmitter
Rev. 4/21/99
More results

Similar Description - CS212

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LVDS81 TI-SN75LVDS81 Datasheet
198Kb / 15P
FLATLINKE TRANSMITTER
logo
ATMEL Corporation
ASK ATMEL-ASK Datasheet
283Kb / 13P
Transmitter
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD Datasheet
841Kb / 9P
Transmitter
logo
OPLINK Communications I...
STX48 OPLINK-STX48 Datasheet
407Kb / 4P
Transmitter
logo
M/A-COM Technology Solu...
XU1004-BD MA-COM-XU1004-BD_15 Datasheet
841Kb / 9P
Transmitter
XU1009-BD MA-COM-XU1009-BD_15 Datasheet
277Kb / 9P
Transmitter
logo
Festo Corporation.
537691 FESTO-537691 Datasheet
87Kb / 1P
Transmitter
7/13/22
537693 FESTO-537693 Datasheet
99Kb / 1P
Transmitter
7/13/22
537695 FESTO-537695 Datasheet
100Kb / 1P
Transmitter
7/13/22
537703 FESTO-537703 Datasheet
104Kb / 1P
Transmitter
7/13/22
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com