Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS212 Datasheet(PDF) 4 Page - ON Semiconductor

Part # CS212
Description  Transmitter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS212 Datasheet(HTML) 4 Page - ON Semiconductor

  CS212 Datasheet HTML 1Page - ON Semiconductor CS212 Datasheet HTML 2Page - ON Semiconductor CS212 Datasheet HTML 3Page - ON Semiconductor CS212 Datasheet HTML 4Page - ON Semiconductor CS212 Datasheet HTML 5Page - ON Semiconductor CS212 Datasheet HTML 6Page - ON Semiconductor CS212 Datasheet HTML 7Page - ON Semiconductor CS212 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
Serial-Addressable Receiver Transmitter S-ART
ADDRESS CODING
The circuit is coded on address inputs A0-A4.
In order to reduce the power consumption to the circuits
they are in power down mode for most of the time. Only
when a circuit is addressed is the amount to that particular
circuit increased.
READ
When a S-ART has recognized an address with the correct
parity and then received a READ-order the controller
becomes passive. The S-ART in question will then send
data bits to the controller. These bits are the condition on
the IN0 and IN1 or IN2-3 and a parity bit derived from
them.
The current in inputs IN0 and IN1 only flows when the
S-ART is addressed.
If the sabotage surveilled loop IN2-3 is used IN1 should be
open. IN2-3 is then read instead of IN1.
The loop IN2-3 is checked for both shorting and breaking.
WRITE
When a S-ART has recognized an address with correct par-
ity and a write order, the S-ART in question transmits data
to the outputs OUT0 and OUT1. This data transmission
takes place after a check of the parity bit. If the parity bit is
wrong, data transmission to OUT0 and OUT1 is blocked
and new data transmission can only take place after a read
order which resets the parity fault.
The DSR signal can be used to strobe OUT0 and OUT1 fur-
ther on in the following logic.
DATA FORMAT
The signals are sent out on the line in words organized as
shown in the figure.
The S-ART information consists of two parity bits: an
address parity bit and a data parity bit. Both the address
and data are checked for even parity. The address parity
bit must always be generated by the controller. The data
parity bit during the READ-mode is generated by the
S-ART. During the WRITE-mode the data parity bit is gen-
erated by the controller.
Typical S-ART Applications
S-ART
S-ART
1) Alarm Detector
Line from Controller
Address Coding
3) Alarm Indicator/Data Transmission
Line from Controller
Address Coding
IN0
IN1
Tamper Contact
Alarm Contact
Detector
Bells
Lamps etc.
Logic
Circuit
S-ART
2) Window Foil
Line from Controller
Address Coding
IN2
IN3
Foil
Terminal Lead
The foil is checked both for shorts and breakage.
Short Cables
End of Loop
Circuit
Address
Code
Transmission Line
Line
Data
Out
V
DD
Gnd
IN0
+IN1
+IN2
+IN3
C
R1
A0
A4
OUT0 OUT1 DSR
Gnd
Gnd
R2
Addresses ADD. Parity
Command
Data
Data Parity
+ Indicates IN1 and Loop IN2, IN3 cannot be used at the same time.
Functional Description
GENERAL
The CS212 is a peripheral addressable circuit which is used
as a communication link between Detectors/Sensors and a
Central Control Unit.
The communication between the CS212 and a control unit
takes place via a simple 2-wire cable which also provides
power to the IC.
On each 2-wire cable, a maximum of 30 CS212's can be con-
trolled or interrogated with the address binary 0-29. This
permits surveillance of up to 30 window protections, door
contacts, movement detectors, etc. within the same 2-wire
group. Each CS212 can monitor the status of two external
surveillance devices and communicate the status back to
the control unit. Two outputs are also available for control-
ling bells, lights, LED's, door locks, etc. These outputs are
controlled from the control unit via the 2-wire cable.
WIRE TRANSMISSION CABLE (The Line)
The 2-wire bidirectional transmission cable called "The
Line" provides power and data to the CS212 and also pro-
vides data back to the control circuit.
The line signal is rectified and filtered at each CS212 and is
used for the power supply to the chip. The CS212 also
decodes the line signal into clock and data signals used
inside the IC.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com