Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2DS-Z Datasheet(PDF) 2 Page - AIMTEC

Part # AM2DS-Z
Description  RoHS compliant SIP7 package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2DS-Z Datasheet(HTML) 2 Page - AIMTEC

  AM2DS-Z Datasheet HTML 1Page - AIMTEC AM2DS-Z Datasheet HTML 2Page - AIMTEC AM2DS-Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Series AM2DS-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6
2 of 3
North America only
Input Specifications
Parameters
Nominal
Typical
Maximum
Units
Voltage range
5
12
15
24
4.5-5.5
10.8-13.2
13.5-16.5
21.6-26.4
VDC
Filter
Capacitor
Startup time
Vnom, constant resistive load
20
ms
Absolute Maximum Rating (1sec max)
5 Vin
12 Vin
15 Vin
24 Vin
0-9
0-18
0-20
0-30
VDC
Quiescent Current
5 Vin
12 Vin
15 Vin
24 Vin
40
25
20
15
mA
Input Reflected Ripple current
See the suggested circuit
20
mA p-p
Isolation Specifications
Parameters
Conditions
Typical
Rated
Units
Tested I/O voltage
60 sec
5200
VDC
Resistance
>1000
MOhm
Capacitance
10
pF
Output Specifications
Parameters
Conditions
Typical
Maximum
Units
Voltage accuracy
±5
%
Short Circuit protection
Continuous
Short circuit restart
Auto recovery
Line voltage regulation
For 1% change of V in
±1.2
%
Load voltage regulation
From 20 to 100% load
±10
%
Temperature coefficient
±0.03
%/
oC
Ripple and Noise*
20MHz Bandwidth
100
mV p-p
*Output ripple and noise are measured with external connection of 10uF electrolytic capacitor and 1uF ceramic capacitor.
General Specifications
Parameters
Conditions
Typical
Maximum
Units
Switching frequency
100% load, depending of the model
50 - 100
KHz
Operating temperature
With derating above 65°C
-40 to +85
oC
Storage temperature
-55 to +125
oC
Maximum case temperature
95
oC
Cooling
Free air convection
Humidity
95
% RH
Case material
Non-conductive black plastic, epoxy encapsulated (UL94V-0 rated)
Soldering temperature
1.5mm from case for 10 sec.
260
oC
Weight
2.5
g
Dimensions (L x W x H)
0.77 x 0.39 x 0.28 inches
19.5 x 10.0 x 7.2 mm
MTBF
>2 390 000 hrs (MIL-HDBK-217 F at +25
oC)
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated output load
unless otherwise specified.
Safety Specifications
Parameters
Standards
Designed to meet IEC/EN 60950-1, EN 55022, Class B, with external filter & EN 55024: 2010
IEC 61000-4-2, Criteria A
IEC 61000-4-3, Criteria A
IEC 61000-4-4, Criteria A, with external filter
IEC 61000-4-6, Criteria A
IEC 61000-4-8, Criteria A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com