Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2DS-Z Datasheet(PDF) 3 Page - AIMTEC

Part # AM2DS-Z
Description  RoHS compliant SIP7 package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2DS-Z Datasheet(HTML) 3 Page - AIMTEC

  AM2DS-Z Datasheet HTML 1Page - AIMTEC AM2DS-Z Datasheet HTML 2Page - AIMTEC AM2DS-Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Series AM2DS-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6
3 of 3
North America only
Pin Out Specifications
Dimensions
Pin
5200 VDC
Single
Dual
1
+ V Input
+ V Input
2
- V Input
- V Input
5
- V Output
- V Output
6
No pin
Common
7
+ V Output
+ V Output
Input Reflected Ripple Current Test Circuit
EMI Filter Circuit recommendation
Aimtec
DC-DC
Converter
L1
C2
Vin+
Vin-
+
-
Vo+
Vo-
C1
C3
Vin
C1
L1
C2
C3
5, 12, 15 V
470 µF / 100V
18 µH
24 V
470 µF / 100V
18 µH
2.2 µF / 100V
470 pF / 2kV
* Electrolytic type
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.
5. Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
6. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
7. Warranty is in accordance with Aimtec’s standard Terms of Sale available at www.aimtec.com.
Aimtec
DC-DC
Converter
L1
(12 µh)
C1
(47 µf)
Test
Point
RL
(Full Load)
Vin+
Vin-
+
-
Vo+
Vo-
* Tested at full load, and nominal input
19.50
(0.76)
15.20
(0.60)
2.54
(0.10)
7.20
(0.28)
PRINTED
FACE
0.50
(0.02)
0.50
(0.02)
0.25
(0.01)
1.25
(0.05)
7.20
(0.28)
10.00
(0.39)
3.05
(0.12)
NOTE: Unit:mm [inch]
Pin Diameter: 0.50 ± 0.05mm [0.02 ± 0.002 inch]
Pin Pitch tolerance: ±0.35mm [ ±0.014 inch]
Case tolerance: ±0.50mm [ ±0.02 inch]
9.50
(0.37)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com