Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2DS-Z Datasheet(PDF) 1 Page - AIMTEC

Part # AM2DS-Z
Description  RoHS compliant SIP7 package
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2DS-Z Datasheet(HTML) 1 Page - AIMTEC

  AM2DS-Z Datasheet HTML 1Page - AIMTEC AM2DS-Z Datasheet HTML 2Page - AIMTEC AM2DS-Z Datasheet HTML 3Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Series AM2DS-Z
2 Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R6
1 of 3
North America only
To be added soon
FEATURES:
• RoHS compliant SIP7 package
• Low Ripple and Noise
• High efficiency up to 80%
• Continuous Short Circuit Protection
• I/O Isolation 5200 VDC
• Low coupling capacity
Models
Single output
Model
Input
Voltage (V)
Output Voltage
(V)
Output Current
Max (mA)
Max Capacitive
Load (uF)
Efficiency
(%)
AM2DS-0503SH52Z
5
3.3
500
1000
70
AM2DS-0505SH52Z
5
5
400
470
70
AM2DS-0509SH52Z
5
9
222
470
75
AM2DS-0512SH52Z
5
12
167
220
77
AM2DS-0515SH52Z
5
15
133
220
78
AM2DS-1203SH52Z
12
3.3
500
1000
71
AM2DS-1205SH52Z
12
5
400
470
71
AM2DS-1209SH52Z
12
9
222
470
76
AM2DS-1212SH52Z
12
12
167
220
78
AM2DS-1215SH52Z
12
15
133
220
79
AM2DS-1503SH52Z
15
3.3
500
1000
70
AM2DS-1505SH52Z
15
5
400
470
70
AM2DS-1509SH52Z
15
9
222
470
75
AM2DS-1512SH52Z
15
12
167
220
75
AM2DS-1515SH52Z
15
15
133
220
79
AM2DS-2403SH52Z
24
3.3
500
1000
70
AM2DS-2405SH52Z
24
5
400
470
70
AM2DS-2409SH52Z
24
9
222
470
75
AM2DS-2412SH52Z
24
12
167
220
78
AM2DS-2415SH52Z
24
15
133
220
80
Models
Dual output
Model
Input
Voltage (V)
Output Voltage
(V)
Output Current
max (mA)
Max Capacitive
Load (uF)
Efficiency
(%)
AM2DS-0505DH52Z
5
±5
±200
±220
71
AM2DS-0509DH52Z
5
±9
±111
±220
75
AM2DS-0512DH52Z
5
±12
±83
±100
77
AM2DS-0515DH52Z
5
±15
±67
±100
78
AM2DS-051509DH52Z
5
+15/-9
+67/-111
+100/-220
76
AM2DS-1205DH52Z
12
±5
±200
±220
72
AM2DS-1209DH52Z
12
±9
±111
±220
76
AM2DS-1212DH52Z
12
±12
±83
±100
78
AM2DS-1215DH52Z
12
±15
±67
±100
79
AM2DS-121509DH52Z
12
+15/-9
+67/-111
+100/-220
77
AM2DS-1505DH52Z
15
±5
±200
±220
71
AM2DS-1509DH52Z
15
±9
±111
±220
75
AM2DS-1512DH52Z
15
±12
±83
±100
78
AM2DS-1515DH52Z
15
±15
±67
±100
79
AM2DS-151509DH52Z
15
+15/-9
+67/-111
+100/-220
76
AM2DS-2405DH52Z
24
±5
±200
±220
71
AM2DS-2409DH52Z
24
±9
±111
±220
75
AM2DS-2412DH52Z
24
±12
±83
±100
77
AM2DS-2415DH52Z
24
±15
±67
±100
78
AM2DS-241509DH52Z
24
+15/-9
+67/-111
+100/-220
75
Click on Series name for product info on aimtec.com


Similar Part No. - AM2DS-Z

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM2DS-Z AIMTEC-AM2DS-Z Datasheet
314Kb / 4P
2 Watt | DC-DC Converter
Rev: 09/21/A
AM2DS-Z AIMTEC-AM2DS-Z_V01 Datasheet
314Kb / 4P
2 Watt | DC-DC Converter
Rev: 09/21/A
More results

Similar Description - AM2DS-Z

ManufacturerPart #DatasheetDescription
logo
Littelfuse
S-2025L LITTELFUSE-S-2025L Datasheet
218Kb / 12P
RoHS Compliant, Electrically-isolated package
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
TriQuint Semiconductor
AG303-86 TRIQUINT-AG303-86_15 Datasheet
234Kb / 5P
Lead-free/RoHS-compliant SOT- 86 package
logo
Recom International Pow...
RKE-0505S-H RECOM-RKE-0505S-H Datasheet
256Kb / 4P
1 Watt SIP7 Package
logo
Analog Devices
HMC447LC3 AD-HMC447LC3 Datasheet
397Kb / 8P
RoHS Compliant 3x3 mm SMT Package
HMC561LP3 AD-HMC561LP3 Datasheet
365Kb / 6P
RoHS Compliant 3x3 mm SMT Package
HMC573LC3B AD-HMC573LC3B Datasheet
337Kb / 6P
RoHS Compliant 3x3 mm SMT Package
logo
SMSC Corporation
EVB-USB2660 SMSC-EVB-USB2660 Datasheet
426Kb / 8P
64-Pin QFN (RoHS compliant) package.
EVB-USB82640 SMSC-EVB-USB82640 Datasheet
853Kb / 8P
48-pin QFN (RoHS compliant) package
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com