Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK830F Datasheet(PDF) 4 Page - AUK corp

Part # STK830F
Description  Advanced Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK830F Datasheet(HTML) 4 Page - AUK corp

  STK830F Datasheet HTML 1Page - AUK corp STK830F Datasheet HTML 2Page - AUK corp STK830F Datasheet HTML 3Page - AUK corp STK830F Datasheet HTML 4Page - AUK corp STK830F Datasheet HTML 5Page - AUK corp STK830F Datasheet HTML 6Page - AUK corp STK830F Datasheet HTML 7Page - AUK corp STK830F Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KST-H034-000
4
STK830F
N o t e :
1 . 2 5 0 u s P u l s e
Test
2 . T
C = 2 5
C
V G S
T o p :
1 5 V
1 0 V
8 V
7 V
6 V
5 . 5 V
5 V
B u t t o m : 4 . 5 V
Fig. 1 ID - VDS
Fig. 3 RDS(on) - ID
Fig. 6 VGS - QG
Fig. 5 Capacitance - VDS
Electrical Characteristic Curves
=
Fig. 4 IDR - VSD
Fig. 2 ID - VGS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com