Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK830F Datasheet(PDF) 2 Page - AUK corp

Part # STK830F
Description  Advanced Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK830F Datasheet(HTML) 2 Page - AUK corp

  STK830F Datasheet HTML 1Page - AUK corp STK830F Datasheet HTML 2Page - AUK corp STK830F Datasheet HTML 3Page - AUK corp STK830F Datasheet HTML 4Page - AUK corp STK830F Datasheet HTML 5Page - AUK corp STK830F Datasheet HTML 6Page - AUK corp STK830F Datasheet HTML 7Page - AUK corp STK830F Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KST-H034-000
2
STK830F
Absolute maximum ratings
Characteristic
Symbol
Rating
Unit
Drain-Source voltage
VDSS
500
V
Gate-Source voltage
VGS
±30
V
Continuous Drain current (Tc=25℃)
ID
4.5*
A
Continuous Drain current (Tc=100℃)
ID
2.9*
A
Drain Current-Pulsed
①
IDM
18
A
Power Dissipation (Tc=25℃)
Linear Derating Factor
PD
38
0.3
W
W/℃
Single Pulsed Avalanche Energy
②
EAS
270
mJ
Avalanche current
①
IAR
4.5
A
Repetitive Avalanche Energy
①
EAR
7.3
mJ
Peak Diode Recovery dv/dt
dv/dt
5.5
V/ns
Operating Junction and
Storage temperature range
TJ , Tstg
-55~150
°C
Maximum lead temp. for soldering
Purpose, 1/8” from case for 5-seconds
TL
300
°C
* Limited by Maximum junction Temperature
Thermal Resistance
Characteristic
Symbol
Typ.
Max
Units
Junction-to-Case
Rθ JC
3.31
Case-to-Sink
Rθ CS
0.5
Junction-to-Ambient
Rθ JA
62.5
℃
/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com