Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK830F Datasheet(PDF) 1 Page - AUK corp

Part # STK830F
Description  Advanced Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

STK830F Datasheet(HTML) 1 Page - AUK corp

  STK830F Datasheet HTML 1Page - AUK corp STK830F Datasheet HTML 2Page - AUK corp STK830F Datasheet HTML 3Page - AUK corp STK830F Datasheet HTML 4Page - AUK corp STK830F Datasheet HTML 5Page - AUK corp STK830F Datasheet HTML 6Page - AUK corp STK830F Datasheet HTML 7Page - AUK corp STK830F Datasheet HTML 8Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KST-H034-000
1
STK830F
Advanced Power MOSFET
S
Seem
miiccoon
nd
du
uccttoorr
Features
• Avalanche rugged technology.
• Low input capacitance.
• Improved gate charge.
• Low leakage current : 10uA (Max.) @ VDS=500V.
• Low RDS(ON) : 1.17Ω(Typ.)
Ordering Information
Type NO.
Marking
Package Code
STK830F
STK830
TO-220F
Outline Dimensions
unit : mm
PIN Connections
1. Gate
2. Drain
3. Source


Similar Part No. - STK830F

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
STK830F KODENSHI-STK830F Datasheet
418Kb / 8P
Power MOSFET
logo
AUK corp
STK830FC AUK-STK830FC Datasheet
457Kb / 8P
Advanced Power MOSFET
More results

Similar Description - STK830F

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRLZ44A SAMSUNG-IRLZ44A Datasheet
451Kb / 9P
ADVANCED POWER MOSFET
logo
Fairchild Semiconductor
IRF530A FAIRCHILD-IRF530A Datasheet
254Kb / 7P
Advanced Power MOSFET
IRF540A FAIRCHILD-IRF540A Datasheet
256Kb / 7P
Advanced Power MOSFET
IRFS150A FAIRCHILD-IRFS150A Datasheet
259Kb / 7P
Advanced Power MOSFET
IRFS520A FAIRCHILD-IRFS520A Datasheet
251Kb / 7P
Advanced Power MOSFET
IRLRU130A FAIRCHILD-IRLRU130A Datasheet
267Kb / 9P
Advanced Power MOSFET
IRLWI520A FAIRCHILD-IRLWI520A Datasheet
233Kb / 7P
Advanced Power MOSFET
IRLWI640A FAIRCHILD-IRLWI640A Datasheet
227Kb / 7P
Advanced Power MOSFET
IRLW630A FAIRCHILD-IRLW630A Datasheet
226Kb / 7P
ADVANCED POWER MOSFET
SSU2N80A FAIRCHILD-SSU2N80A Datasheet
258Kb / 7P
Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com