Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBKAMN40 Datasheet(PDF) 1 Page - Powerbox

Part # PBKAMN40
Description  Universal input 85 - 265 VAC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERBOX [Powerbox]
Direct Link  http://www.powerbox.com.au
Logo POWERBOX - Powerbox

PBKAMN40 Datasheet(HTML) 1 Page - Powerbox

  PBKAMN40 Datasheet HTML 1Page - Powerbox  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Powering Progress – www.powerbox.com.au
Doc. No. PBC9 Rev.C 28-4-11
139
FEATURES
•
AC/DC power module
•
Universal input 85 ~ 265 VAC
•
High efficiency up to 87%
•
Short circut protection
•
Internal input filter
•
Medical safety approved
•
Low leakage current
•
71°C operation temperature
INPUT
Input voltage
100-240VAC
Input voltage range
Ta min - Tamax, AC in 85 - 265VAC
Lo nom, DC in 120 - 375
Rated input current
Vi: 115/230 VAC, lo nom 0.75-0.45A to 0.8-0.4A
Line frequency
Vi nom, lo nom 47-63Hz
Inrush current
Vi: 115/230 VAC, lo nom 20/40A
Leakage current
Normal Condition 100µA
Single Fault Condition 300µA
OUTPUT
Voltage range
See Table
Minimum load
Vi nom, Single Output Models 0%
Vi nom, Multiple Output Models 20%
Line regulation
Lo nom, Vi min to Vi max + 1%
Load regulation
Vi nom, single Output Models + 1%
Lo min - lo nom, Multiple Output Models +
Hold up time
Vi: 115/230 VAC, lo nom 20/100 ms
Rippple and noise
Vi nom, lo nom, BW = 20MHz 50mV
Efficiency
Model Dependant up to 87%
ENVIRONMENTAL
Storage temperature
Non operational -40 to +100°C
Relative humidity
Vi nom, lo nom 20-95% RH
Isolation voltage
Input-Output at 4236/6000 VAC/VDC
Ambient temperature
Operating at Vi nom, lo nom -40 to +71°C
Derating
Vi nom, +61°C to +71°C 2.5% / °C
MODEL NUMBER
OUTPUT
POWER
SINGLE OUTPUT
PBKAMN4003
+ 3.3 V
8500 mA
28W
PBKAMN4005
+ 5V
8000 mA
40W
PBKAMN4012
+12V
3400 mA
40.8W
PBKAMN4015
+15V
2700 mA
40.5W
PBKAMN4024
+24V
1700 mA
40.8W
MULTIPLE OUTPUT
PBKAMN4012D
+12V
+1700mA
40.8W
PBKAMN4015D
+15V
+1350mA
40.5W
PBKAMN4051D
+5V / + 12V
+5A/+1.25A
40W
PBKAMN40524D
+5 / + 24V
+5A/+1A
39W
SELECTION TABLE
PBKAMN40 Series
2 8 ~ 4 0 W A T T S - A C / D C P O W E R M O D U L E S I N G L E & M U L T I P L E O U T P U T
MECHANISM & PIN CONFIGURATION
Temperature coefficient +0.03%°C
Cooling
Free air convection
Dimension
L89 x W63.53 x H25
Switching frequency
65KHz
MTBF
Bellcore Issue 6 at 40°C, GB
Weight
250g
STANDARDS
Safety standards
UL/cUL UL 60950-1 Recognised
TUV EN 60950-1, CB Scheme
C-Tick
AS/NZ CISPR11 Group 1, Class A
EMC standards
CE EN 61000-6-3, EN 55022 Class B, EN 61000-
3-2, EN 61000-3-3, EN 61000-6-2, EN 55024
SPECIFICATIONS


Similar Part No. - PBKAMN40

ManufacturerPart #DatasheetDescription
logo
Powerbox
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
PBKAMN3003 POWERBOX-PBKAMN3003 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
PBKAMN3005 POWERBOX-PBKAMN3005 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
PBKAMN3012 POWERBOX-PBKAMN3012 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
PBKAMN3015 POWERBOX-PBKAMN3015 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
More results

Similar Description - PBKAMN40

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP140 POWER-ONE-MAP140 Datasheet
575Kb / 3P
Universal Input 85-264 VAC
MAP30 POWER-ONE-MAP30 Datasheet
133Kb / 4P
Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
Universal Input 85-264 VAC
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
85 VAC to 264 VAC universal input range
logo
Powerbox
PBKAM15 POWERBOX-PBKAM15 Datasheet
151Kb / 1P
Universal input 85 - 265 VAC
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
Universal input 85 - 265 VAC
logo
Arch Electronics Corp.
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
Universal Input: 85-265 VAC
logo
Bel Fuse Inc.
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
Universal Input 85-264 VAC
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
Universal Input 85-264 VAC
ABC601 BEL-ABC601 Datasheet
1Mb / 11P
Universal input voltage range (85 ??305 VAC)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com