Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0055K4R7ABSTR Datasheet(PDF) 16 Page - AVX Corporation

Part # C0055K4R7ABSTR
Description  Thin-Film Technology
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C0055K4R7ABSTR Datasheet(HTML) 16 Page - AVX Corporation

Back Button C0055K4R7ABSTR Datasheet HTML 12Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 13Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 14Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 15Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 16Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 17Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 18Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 19Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 20Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Accu-P
®
High Frequency Characteristics
2.5
2
1.5
1
0.5
0
10000
1000
100
1000
100
10
SRF (GHz)
Frequency (MHz)
Accu-P® 01005 Typical SRF vs Capacitance
Accu-P® 01005 Typical ESR vs Frequency
Frequency (MHz)
Accu-P® 01005 Typical Q vs Frequency
5
10
15
20
25
30
35
800 1000 1200 1400 1600 1800 2000 2200 2400 2600
800 1000 1200 1400 1600 1800 2000 2200 2400 2600
0.5pF
0.8pF
1.0pF
1.2pF
1.8pF
1.0pF
0.8pF
2.4pF
1
20
Measured on HP8720ES
Measured on Agilent 4278A/4991A
Measured on Agilent 4278A/4991A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com