Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0055K4R7ABSTR Datasheet(PDF) 21 Page - AVX Corporation

Part # C0055K4R7ABSTR
Description  Thin-Film Technology
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C0055K4R7ABSTR Datasheet(HTML) 21 Page - AVX Corporation

Back Button C0055K4R7ABSTR Datasheet HTML 17Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 18Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 19Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 20Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 21Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 22Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 23Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 24Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 25Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
Accu-P®
High Frequency Characteristics
20
18
16
14
12
10
8
6
4
2
0
300
250
200
150
100
50
0
1000
100
10
SRF (GHz)
Frequency (MHz)
Accu-P® 1210 Typical SRF vs Capacitance
Accu-P® 1210 Typical ESR vs Frequency
Frequency (MHz)
Accu-P® 1210 Typical Q vs Frequency
0
5
10
15
20
25
30
35
40
45
50
800 1000 1200 1400 1600 1800 2000 2200 2400 2600
800 1000 1200 1400 1600 1800 2000 2200 2400 2600
0.8pF
1.2pF
1.8pF
2.2pF
3.3pF
4.7pF
6.8pF
15pF
0.8pF
1.2pF
1.8pF
2.2pF
3.3pF
4.7pF
6.8pF
15pF
Measured on HP8720ES
Measured on Agilent 4278A/4991A
Measured on Agilent 4278A/4991A
1
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com