Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C0055K4R7ABSTR Datasheet(PDF) 10 Page - AVX Corporation

Part # C0055K4R7ABSTR
Description  Thin-Film Technology
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C0055K4R7ABSTR Datasheet(HTML) 10 Page - AVX Corporation

Back Button C0055K4R7ABSTR Datasheet HTML 6Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 7Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 8Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 9Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 10Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 11Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 12Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 13Page - AVX Corporation C0055K4R7ABSTR Datasheet HTML 14Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Accu-P
®
0603 Typical Electrical Tables
Capacitance
Self
Q Standard Value
Frequency
Frequency
Frequency
@ 1MHz
Resonance
@ 1GHz
900MHz
1900MHz
2400MHz
and Tolerance
Frequency
C (pF)
Tol.
(GHz)
Typ.
Min.
C(eff)
Q
ESR
C(eff)
Q
ESR
C(eff)
Q
ESR
Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
(pF) Typ.
Typ.
(mOhm) Typ.
0.05
±0.02
25.6
1200
660
0.06
1333
945
0.06
556
832
0.06
397
880
0.1
±0.02
18.1
1156
636
0.11
1284
675
0.11
535
628
0.11
382
667
0.15
±0.02
14.8
1111
611
0.16
1235
555
0.16
514
533
0.16
367
567
0.2
±0.02
12.8
1067
587
0.21
1185
483
0.21
494
474
0.22
353
505
0.25
±0.02
11.4
1022
562
0.26
1136
433
0.27
473
433
0.27
338
462
0.3
±0.02
10.4
978
538
0.31
1086
397
0.32
453
402
0.32
323
430
0.35
±0.02
9.7
933
513
0.36
1037
368
0.37
432
378
0.37
309
404
0.4
±0.02
9.0
889
489
0.41
988
345
0.42
412
358
0.42
294
383
0.45
±0.02
8.5
844
464
0.46
938
326
0.47
391
341
0.48
279
365
0.5
±0.02
8.1
800
440
0.51
889
310
0.52
370
327
0.53
265
350
0.55
±0.02
7.7
788
434
0.57
875
296
0.57
363
315
0.58
261
337
0.6
±0.02
7.4
777
427
0.62
860
283
0.62
356
304
0.63
258
326
0.65
±0.02
7.1
765
421
0.67
846
273
0.67
348
294
0.68
255
315
0.7
±0.02
6.8
754
414
0.72
832
263
0.72
341
285
0.73
252
306
0.75
±0.02
6.6
742
408
0.77
817
254
0.78
334
277
0.79
248
298
0.8
±0.02
6.4
730
402
0.82
803
247
0.83
326
270
0.84
245
290
0.85
±0.02
6.2
719
395
0.87
789
239
0.88
319
264
0.89
242
283
0.9
±0.02
6.0
707
389
0.92
775
233
0.93
312
258
0.95
239
277
0.95
±0.02
5.9
696
383
0.97
760
227
0.98
304
252
1.00
235
271
1
±0.02
5.7
684
376
1.019
746
216
1.061
297
242
1.101
232
260
1.05
±0.02
5.6
667
367
1.076
731
213
1.126
290
239
1.171
226
256
1.1
±0.02
5.4
649
357
1.134
717
210
1.190
282
236
1.241
220
253
1.15
±0.02
5.3
632
347
1.192
702
206
1.254
275
233
1.311
214
250
1.2
±0.02
5.2
614
338
1.250
687
203
1.318
267
230
1.381
209
247
1.25
±0.02
5.1
605
333
1.307
677
200
1.382
262
227
1.451
203
244
1.3
±0.02
5.0
596
328
1.365
667
197
1.446
257
224
1.521
197
241
1.35
±0.02
4.9
587
323
1.423
658
194
1.511
252
221
1.591
191
238
1.4
±0.02
4.8
578
318
1.481
648
190
1.575
247
218
1.661
185
235
1.45
±0.02
4.8
569
313
1.538
638
187
1.639
242
215
1.731
179
232
1.5
±0.02
4.7
560
308
1.596
628
184
1.703
237
212
1.801
173
229
1.55
±0.02
4.6
551
303
1.645
620
181
1.760
233
209
1.866
170
226
1.6
±0.02
4.5
542
298
1.694
611
178
1.817
228
206
1.930
166
222
1.65
±0.02
4.5
534
293
1.743
603
175
1.874
224
203
1.995
163
219
1.7
±0.02
4.4
525
289
1.792
595
172
1.931
219
200
2.060
159
216
1.75
±0.02
4.3
516
284
1.841
587
169
1.988
215
197
2.124
156
213
1.8
±0.02
4.2
507
279
1.890
578
166
2.045
211
194
2.189
153
209
1.85
±0.02
4.2
498
274
1.939
570
163
2.102
206
191
2.253
149
206
1.9
±0.02
4.1
490
269
1.988
562
160
2.158
202
188
2.318
146
203
1.95
±0.02
4.1
481
264
2.037
553
157
2.215
197
185
2.383
142
199
2
±0.03
4.0
472
260
2.086
545
154
2.272
193
182
2.447
139
196
2.1
±0.03
3.9
462
254
2.190
535
151
2.402
187
180
2.604
134
193
2.2
±0.03
3.8
452
249
2.295
524
148
2.532
181
177
2.761
129
191
2.3
±0.03
3.8
442
243
2.400
514
145
2.662
175
175
2.917
124
188
2.4
±0.03
3.7
433
238
2.504
503
143
2.793
168
172
3.074
118
186
2.5
±0.03
3.6
423
232
2.609
493
140
2.923
162
170
3.230
113
183
2.6
±0.03
3.6
413
227
2.714
482
137
3.053
156
167
3.387
108
181
2.7
±0.03
3.5
403
222
2.818
472
134
3.183
150
165
3.543
103
178
2.8
±0.03
3.4
395
217
2.933
463
133
3.336
147
164
3.742
100
177
2.9
±0.03
3.4
388
213
3.047
453
131
3.489
144
162
3.940
97
175
3
±0.03
3.3
380
209
3.162
444
130
3.642
140
161
4.139
95
174
3.1
±0.05
3.2
372
205
3.276
435
129
3.795
137
160
4.337
92
172
3.2
±0.05
3.2
365
201
3.391
425
127
3.947
134
159
4.536
89
171
3.3
±0.05
3.1
357
196
3.506
416
126
4.100
131
157
4.734
86
169
3.4
±0.05
3.1
349
192
3.620
407
125
4.253
128
156
4.933
84
168
3.5
±0.05
3.1
342
188
3.735
397
123
4.406
125
155
5.131
81
166
3.6
±0.05
3.0
334
184
3.849
388
122
4.559
121
154
5.330
78
165
3.7
±0.05
3.0
326
179
3.964
379
121
4.712
118
152
5.528
75
164
3.8
±0.05
3.0
318
175
4.078
369
119
4.865
115
151
5.727
73
162
3.9
±0.05
2.9
311
171
4.193
360
118
5.018
112
150
5.925
70
161
1
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com