Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3IO Datasheet(PDF) 11 Page - Panasonic Semiconductor

Part # TM3IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM3IO Datasheet(HTML) 11 Page - Panasonic Semiconductor

Back Button TM3IO Datasheet HTML 7Page - Panasonic Semiconductor TM3IO Datasheet HTML 8Page - Panasonic Semiconductor TM3IO Datasheet HTML 9Page - Panasonic Semiconductor TM3IO Datasheet HTML 10Page - Panasonic Semiconductor TM3IO Datasheet HTML 11Page - Panasonic Semiconductor TM3IO Datasheet HTML 12Page - Panasonic Semiconductor TM3IO Datasheet HTML 13Page - Panasonic Semiconductor TM3IO Datasheet HTML 14Page - Panasonic Semiconductor TM3IO Datasheet HTML 15Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
11
PubNo. 232M9-010E
1.3.3
Pin Functions
Table:1.3.2 Pin Functions
Name
TQFP 48
Pin No.
I/O
Other Function
Function
Description
VDD
VDD
VDD
VDD
VDD
17
40
41
65
94
-
Power supply pin
Power pin for 5 V, digital IO.
Apply 5 V to all of pins and connect capacitor
of over 10
μF between all of the VDD and
VSS pins. (allocate near the pins)
It is recommended that total capacitance
between all of the VDD and VSS is more than
10-times capacitance between all of the
VDD2 and VSS.
VDD2
VDD2
42
98
-
Power supply pin
Power pin for 1.8 V, digital IO
Connect capacitor of over 1
μF between all of
the VDD2 and VSS pins.
(allocate near the pins)
VSS
VSS
VSS
VSS
15
38
67
96
-
Power supply pin
GND for digital
VPPEX
39
-
Power supply pin
Power for flash EEPROM
Connect with VDD.
OSC1
OSC0
37
36
input
output
-
Clock input pin
Clock output pin
Extend ceramic or crystal oscillators or input
a clock to OSC1.
NRST
48
input
-
Reset pins
(negative logic)
This pin resets the chip when power is turned
on and contains an internal pull-up resistor.
Setting this pin “L” level initialize the internal
state of the device. Thereafter, setting the
input to “H” level releases the reset. The
hardware waits for the system clock to
stabilize, then processes the reset interrupt.
Connect capacitor of over 0.1
μF between
NRST and VSS pins.
P10
P11
P12
P13
P14
P15
P16
P17
43
44
45
46
47
49
50
51
I/O
IRQ04/ EXTRG0
IRQ05/ EXTRG1
IRQ06
IRQ07
IRQ08
TM6IO
TM7IO
SBO2
I/O port 1
8-bit CMOS I/O port.
Each bit can be set individually as either an
input or output by the P1DIR register.
A pull-up resistor for each bit can be selected
individually by the P1PLU register.
At reset, the input mode (P10 to P17) is
selected, and pull-up resistor is disable.
P20
P21
P22
P23
P24
P25
P26
P27
52
53
54
55
56
57
58
59
I/O
SBT2
SBI2
SBO1
SBT1
SBI1
SBO0
SBT0
SBI0
I/O port 2
8-bit CMOS I/O port.
Each bit can be set individually as either an
input or output by the P2DIR register.
A pull-up resistor for each bit can be selected
individually by the P2PLU register.
At reset, the input mode (P20 to P27) is
selected, and pull-up resistor is disable.
P30
P31
P32
P33
P34
P35
P36
P37
60
61
62
63
64
66
68
69
I/O
TM0IO
TM1IO
TM2IO
TM3IO
TM4IO
TM5IO
TM8AIO
TM8BIO
I/O port 3
8-bit CMOS I/O port.
Each bit can be set individually as either an
input or output by the P3DIR register.
A pull-up resistor for ech bit can be selected
individually by the P3PLU register.
At reset, the input mode (P30 to P37) is
selected, pull-up resistor is disable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com