Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3IO Datasheet(PDF) 16 Page - Panasonic Semiconductor

Part # TM3IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM3IO Datasheet(HTML) 16 Page - Panasonic Semiconductor

Back Button TM3IO Datasheet HTML 12Page - Panasonic Semiconductor TM3IO Datasheet HTML 13Page - Panasonic Semiconductor TM3IO Datasheet HTML 14Page - Panasonic Semiconductor TM3IO Datasheet HTML 15Page - Panasonic Semiconductor TM3IO Datasheet HTML 16Page - Panasonic Semiconductor TM3IO Datasheet HTML 17Page - Panasonic Semiconductor TM3IO Datasheet HTML 18Page - Panasonic Semiconductor TM3IO Datasheet HTML 19Page - Panasonic Semiconductor TM3IO Datasheet HTML 20Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
16
PubNo. 232M9-010E
1.5
Electrical Characteristics
This LSI manual describes the standard specification.
Electrical characteristics given in this section are preliminary and subject to change without notice. When using
LSI, contact our sales office for product specifications.
1.5.1
Absolute Maximum Ratings
Model
CMOS LSI
Application
General-purpose
Function
CMOS 32-bit 1 chip microcontroller
VSS=0.0 V
Parameter
Symbol
Rating
Unit
A1
External supply voltage
VDD
-0.3 to +7.0
V
A2
Internal supply voltage
VDD2
-0.3 to +2.5
V
A3
Input pin voltage
VI1
-0.3 to VDD +0.3 (upper limit: 7.0)
V
A4
I/O pin voltage
VIO
-0.3 to VDD +0.3 (upper limit: 7.0)
V
A5
Peak output current
IOPEAK
±15
mA
A6
Typ. range output current
IOAVG
±8
mA
A7
Operating ambient temperature
TOPR
-40 to +85
°C
A8
Storage temperature
TSTG
-40 to +125
°C
A9
Power dissipation
PD
750
mW
Note:
The absolute maximum ratings are the limit values beyond which the LSI may be damaged. It is not guarantee the operation in
these conditions. The rating of the average output current is applied for the period of any 100 ms.
Note:
It cannot supply the internal power supply voltage to a circuit except this LSI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com