Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM3IO Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # TM3IO
Description  32-bit Single-chip Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

TM3IO Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button TM3IO Datasheet HTML 9Page - Panasonic Semiconductor TM3IO Datasheet HTML 10Page - Panasonic Semiconductor TM3IO Datasheet HTML 11Page - Panasonic Semiconductor TM3IO Datasheet HTML 12Page - Panasonic Semiconductor TM3IO Datasheet HTML 13Page - Panasonic Semiconductor TM3IO Datasheet HTML 14Page - Panasonic Semiconductor TM3IO Datasheet HTML 15Page - Panasonic Semiconductor TM3IO Datasheet HTML 16Page - Panasonic Semiconductor TM3IO Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
MN103SFM9K
32-bit Single-chip Microcontroller
Publication date: August 2014
13
PubNo. 232M9-010E
SB00
SB01
SB02
57
54
51
Output
P25
P22
P17
Serial interface
transmission out-
put pin
Transmission data output pins for serial
interface 0, 1, and 2.
Select output mode by the P1DIR and P2DIR
registers and serial pin function by the P1MD
and P2MD registers.
These can be used as normal I/O pins when
the serial interface is not used.
SBI0
SBI1
SBI2
59
56
53
Input
P27
P24
P21
Serial interface
reception data
input pin
Reception data input pins for serial interface
0, 1, and 2.
Pull-up resistor can be selected by the
P2PLU register. Select input mode by the
P2DIR register.
These can be used as normal I/O pins when
the serial interface is not used.
SBT0
SBT1
SBT2
58
55
52
I/O
P26
P23
P20
Serial interface
clock I/O pin
Clock I/O pins for serial interface 0, 1, and 2.
Pull-up resistor can be selected by the
P2PLU register. Select I/O mode by the
P2DIR register and serial pin function by the
P2MD register.
These can be used as normal I/O pins when
the serial interface is not used.
TM0IO
TM1IO
TM2IO
TM3IO
TM4IO
TM5IO
TM6IO
TM7IO
TM14IO
TM16IO
TM17IO
60
61
62
63
64
66
78
79
7
49
50
I/O
P30
P31
P32
P33
P34
P35
P50
P51
P84
P15
P16
Timer I/O pin
Event counter input and timer pulse output
pin for 8-bit timer 0 to 7, and 14 to 17.
To use this pin as event counter input, select
input mode by the P1, 3, 5, and 8DIR regis-
ters. In input mode, pull-up resistor can be
selected by the P1, 3, 5, and 8PLU registers.
To use this pin as timer pulse output, select
timer output pin by the P1,3,5, and 8MD
registers and set to output mode by the
P1,3,5, and 8DIR registers.
These can be used as normal I/O pins when
these are not used as timer I/O pins.
TM8AIO
TM8BIO
TM9AIO
TM9BIO
TM10AIO
TM10BIO
TM11IO0
TM11IO1
68
69
72
73
76
77
95
97
I/O
P36
P37
P42
P43
P46
P47
P72
P73
Timer I/O pin
Event counter input, toggle output, and PWM
output pin for 16-bit timer 8 to 11.
To use this pin as event counter input, select
input mode by the P3, 4, and 7DIR registers.
In input mode, pull-up resistor can be
selected by the P3, 4, and 7PLU register.
To use this as timer output and PWM output,
select timer output pin by the P3, 4, and 7MD
registers, and set to output mode by the P3,
4, and 7DIR register.
These can be used as normal I/O pins when
these are not used as timer I/O pins.
TM9AO
TM9BO
TM10AO
TM10BO
70
71
74
75
Output
P40
P41
P44
P45
Timer output pin
PWM output pin for 16-bit timer 9 and 10.
To use this pin as timer output and PWM out-
put, select timer output pin by the P4MD reg-
ister and set to output mode by the P4DIR
register.
These can be used as normal I/O pins when
these are not used as timer I/O pins.
TM11IO0
TM11IO1
TM11O2
TM11O3
TM11O4
TM11O5
95
97
99
100
1
2
Output
P72
P73
P74
P75
P76
P76
P77
PWM output pin
Motor control PWM signal output pin for 16-
bit timer 11. PWM signal for 16-bit timer 11 is
output to 6 pins simultaneously.
To use this pin as PWM output, select timer
output pin by the P7MD register and set to
output mode by the P7DIR register.
These can be used as normal I/O pins when
these are not used as timer I/O pins.
Name
TQFP 48
Pin No.
I/O
Other Function
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com