Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C61 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z86C61
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C61 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z86C61 Datasheet HTML 9Page - Zilog, Inc. Z86C61 Datasheet HTML 10Page - Zilog, Inc. Z86C61 Datasheet HTML 11Page - Zilog, Inc. Z86C61 Datasheet HTML 12Page - Zilog, Inc. Z86C61 Datasheet HTML 13Page - Zilog, Inc. Z86C61 Datasheet HTML 14Page - Zilog, Inc. Z86C61 Datasheet HTML 15Page - Zilog, Inc. Z86C61 Datasheet HTML 16Page - Zilog, Inc. Z86C61 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
13
Z86C61/62/96
Z8® MICROCONTROLLER
and P35 are used as the handshake control /DAV0 and
RDY0 (Data Available and Ready). Handshake signal
assignment is dictated by the I/O direction of the upper
nibble P07-P04. The lower nibble must have the same
direction as the upper nibble to be under handshake
control.
For external memory references, Port 0 can provide ad-
dress bits A11-A8 (lower nibble) or A15-A8 (lower and
upper nibble) depending on the required address space.
If the address range requires 12 bits or less, the upper
nibble of Port 0 can be programmed independently as I/O
while the lower nibble is used for addressing. If one or both
nibbles are needed for I/O operation, they must be config-
ured by writing to the Port 0 Mode register.
In ROMless mode, after a hardware reset, Port 0 lines are
defined as address lines A15-A8, and extended timing is
set to accommodate slow memory access. The initializa-
tion routine includes reconfiguration to eliminate this ex-
tended timing mode (Figure 10).
/P0DS
Port 0 Data Strobe (output, active Low). Signal used
to emulate Port 0 when in ROMless mode.
/P1DS
Port 1 Data Strobe (output, active Low). Signal used
to emulate Port 1 when in ROMless mode.
/DTIMERS
Disable Timers (input, active Low). All timers
are stopped by the Low level at this pin. This pin has an
internal pull up resistor.
SCLK (output). System clock pin.
/SYNC
Instruction SYNC Signal (output, active Low). This
signal indicates the last clock of the current executing
instruction.
Port 0 (P07-P00). Port 0 is an 8-bit, nibble programmable,
bidirectional, TTL compatible port. These eight I/O lines
can be configured under software control as a nibble I/O
port, or as an address port for interfacing external memory.
When used as an I/O port, Port 0 may be placed under
handshake control. In this configuration, Port 3, lines P32
OEN
Out
In
PAD
Port 0 (I/O)
Handshake Controls
/DAV0 and RDY0
(P32 and P35)
MCU
4
TTL Level Shifter
Auto Latch
R
≈ 500 KΩ
4
Figure 10. Port 0 Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com