Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z86C61 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z86C61
Description  CMOS Z8 MICROCONTROLLER
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z86C61 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z86C61 Datasheet HTML 17Page - Zilog, Inc. Z86C61 Datasheet HTML 18Page - Zilog, Inc. Z86C61 Datasheet HTML 19Page - Zilog, Inc. Z86C61 Datasheet HTML 20Page - Zilog, Inc. Z86C61 Datasheet HTML 21Page - Zilog, Inc. Z86C61 Datasheet HTML 22Page - Zilog, Inc. Z86C61 Datasheet HTML 23Page - Zilog, Inc. Z86C61 Datasheet HTML 24Page - Zilog, Inc. Z86C61 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
21
Z86C61/62/96
Z8® MICROCONTROLLER
7
654321
0
Working Register
Group Pointer
Expanded Register
Group Pointer
%FF
%F0
%7F
%0F
%00
Z8 Reg. File
REGISTER POINTER
% FF
% FE
% FD
% FC
% FB
% FA
% F9
% F8
% F7
% F6
% F5
% F4
% F3
% F2
% F1
% F0
SPL
SPH
RP
FLAGS
IMR
IRQ
IPR
P01M
P3M
P2M
PRE0
T0
PRE1
T1
TMR
U
U
0
U
0
0
U
0
0
1
U
U
U
U
0
% (F) 0F
% (F) 0E
% (F) 0D
% (F) 0C
% (F) 0B
% (F) 0A
% (F) 09
% (F) 08
% (F) 07
% (F) 06
% (F) 05
% (F) 04
% (F) 03
% (F) 02
% (F) 01
% (F) 00
Reserved
Reserved
U
U
0
U
U
0
U
1
0
1
U
U
U
U
0
U
U
0
U
U
0
U
0
0
1
U
U
U
U
0
U
U
0
U
U
0
U
0
0
1
U
U
U
U
0
U
U
0
U
U
0
U
1
0
1
U
U
U
U
0
U
U
0
U
U
0
U
1
0
1
U
U
U
U
0
U
U
0
U
U
0
U
0
0
1
U
U
0
U
0
U
U
0
U
U
0
U
1
0
1
0
U
0
U
0
1
111U
U
U
U
U
UUUU
UUU
U
UUUU
UUU
U
UUUU
UUU
REGISTER
EXPANDED REG. GROUP (F)
RESET CONDITION
REGISTER
EXPANDED REG. GROUP (0)
RESET CONDITION
REGISTER
Z8 STANDARD CONTROL REGISTERS
RESET CONDITION
% (0) 03
P3
% (0) 02
P2
% (0) 01
P1
% (0) 00
P0
U = Unknown
D7 D6 D5 D4 D3 D2 D1 D0
Reserved
SIO
Reserved
Reserved
Reserved
ICE
P6M
P6D
P6
P45M
P5D
P5
P4D
P4
Reserved
Reserved
†
† = For Z86C96 (ROMless) Reset condition:"10110110"
UU
UU
UU
UU
UU
UU
UU
UU
UU
UU
0
UU
UU
UU
U
U
Figure 20. Expanded Register File Architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com