Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z87L01 Datasheet(PDF) 13 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 13 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 9Page - Zilog, Inc. Z87L01 Datasheet HTML 10Page - Zilog, Inc. Z87L01 Datasheet HTML 11Page - Zilog, Inc. Z87L01 Datasheet HTML 12Page - Zilog, Inc. Z87L01 Datasheet HTML 13Page - Zilog, Inc. Z87L01 Datasheet HTML 14Page - Zilog, Inc. Z87L01 Datasheet HTML 15Page - Zilog, Inc. Z87L01 Datasheet HTML 16Page - Zilog, Inc. Z87L01 Datasheet HTML 17Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Z87001/Z87L01
Zilog
ROMless Spread Spectrum Cordless Phone Controller
DS96WRL0800
P R E L I M I N A R Y
13
1
INPUT/OUTPUT PIN CHARACTERISTICS
All digital pins (all pins except VDD, AVDD, GND, AGND,
VREF, RX, TX, RSSI and PWLV) have an internal capaci-
tance of 5 pF.
The RX analog input pin has an input capacitance of 10
pF.
The RSSI analog input pin has an input capacitance of 10
pF.
AC ELECTRICAL CHARACTERISTICS
Clocks, Reset and RF Interface
Table 10. Clocks, Reset and RF Interface
No.
Symbol
Parameter
Min
Max
Units
1
TpC
MCLK input clock period (1)
61
61
ns
2
TwC
MCLK input clock pulse width
20
40
ns
3
TrC, TfC
MCLK input clock rise/fall time
15
ns
4
TrCC, TfCC
CLKOUT output clock rise/fall time
2
6
ns
5
TrCO, TfCO
CODCLK output clock rise/fall time
2
6
ns
6
TwR
RESETB input low width
18
TpC
7
TrRF, TfRF
RF output controls rise/fall time (2)
2
6
ns
Notes:
1. MCLK is 16.384 MHz
± 25 ppm
2. RF Controls are PAON, TXSW, RFEON, SYLE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com