Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z87L01 Datasheet(PDF) 21 Page - Zilog, Inc.

Part # Z87L01
Description  ROMless Spread Spectrum Cordless Phone Controller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z87L01 Datasheet(HTML) 21 Page - Zilog, Inc.

Back Button Z87L01 Datasheet HTML 17Page - Zilog, Inc. Z87L01 Datasheet HTML 18Page - Zilog, Inc. Z87L01 Datasheet HTML 19Page - Zilog, Inc. Z87L01 Datasheet HTML 20Page - Zilog, Inc. Z87L01 Datasheet HTML 21Page - Zilog, Inc. Z87L01 Datasheet HTML 22Page - Zilog, Inc. Z87L01 Datasheet HTML 23Page - Zilog, Inc. Z87L01 Datasheet HTML 24Page - Zilog, Inc. Z87L01 Datasheet HTML 25Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Z87001/Z87L01
ROMless Spread Spectrum Cordless Phone Controller
Zilog
21
P R E L I M I N A R Y
DS96WRL0800
FUNCTIONAL DESCRIPTION (Continued)
synchronizer, based on detection of a “unique word” fol-
lowing the preamble.
The receiver also features a signal-to-noise ratio detector,
which allows the DSP software to detect noisy channels
and eliminate them from the frequency hopping cycle. The
SNR information is also used by the Z87001 software as a
measure the current range between handset and base sta-
tion. This information allows the adaptive power control al-
gorithm to provide sufficient output power to the RF trans-
mitter.
Receive Frame Counter
The receive frame counter is responsible to keep track of
time within the frame. It is initialized by the frame synchro-
nizer logic on detection of the unique word. It is then
clocked by the recovered bit clock from the bit synchroniz-
er.
On the base station, the receive frame counter is used as
time base for the receiver. On the handset, it is used as
time base for both receiver and transmitter.
Receive Rate Buffer and Voice Interface
The voice signal is generated at the fixed rate of 32 kips by
the Z87010 processor, and transmitted/received in bursts
of 93.09 kips across the air. Data buffers in the transmitter
and receiver are thus necessary to absorb the rate differ-
ences over time. These buffers are called “rate buffers”.
They can store up to 144 data bits and are organized as an
array of 36 4-bit nibbles.
The receive rate buffer stores the received data from the
demodulator. Incoming bits are arranged in 4-bit nibbles
and transferred to successive locations of the rate buffer.
When the last location is reached, transfers resume from
the beginning (circular buffer). The system design guaran-
tees that no buffer overrun nor enduring can occur.
The receive rate buffer can be read by the DSP core pro-
cessor of the Z87001 or by the Z87010 chip. On the
Z87001 side, the buffer can be read as a random-access
memory: the processor writes the nibble address in an ad-
dress register and reads the 4-bit data from a data register.
On the Z87010 side, a voice processor interface logic han-
dles the addressing to automatically present the succes-
sive voice nibbles to the Z87010 in the order they were re-
ceived.
Transmit Rate Buffer and Voice Interface
The transmit rate buffer stores the data to be modulated.
The data is sourced from the Z87010 or the Z87001 core
processor. As for the receive rate buffer, the Z87010 sees
a unique pipe to write to, while the Z87001 DSP core ac-
cesses the rate buffer as random-access memory. The
modulator reads from the rate buffer as from a circular
buffer.
Transmit Frame Timing Counter
On the handset, transmission does not start until the re-
ceiver has synchronized itself to the signal received from
the base station. The transmission timing is based on the
recovered clock. No additional counter is necessary.
On the base station, the situation is different. Transmission
timing is based on a local clock, while the reception’s tim-
ing is based on the clock recovered from the incoming re-
ceived signal. Two counters, respectively clocked by local
and recovered clocks, are necessary to track the transmit
and receive signals.
Note that the receive clock on the base station tracks the
handset’s transmit clock, which is also the handset’s re-
ceive clock and tracks the transmit clock of the base sta-
tion. As a result, receive and transmit clocks of the base
station have exactly the same frequency; only their phases
differ.
Modulator
The modulator consists of a numerically controlled oscilla-
tor (NCO) which generates an FSK (Frequency Shift Key-
ing) signal at the carrier frequency of 2.508 MHz. The car-
rier frequency is shifted plus or minus 32.58 kHz for a “1”
or a “0” data bit. To facilitate conformance to FCC regula-
tions, the transitions from “1” to “0” or vice-versa are
smoothed in order to decrease the amplitude of the side
lobes of the transmit signal. In practice, the jump from one
frequency to the next is performed in several smaller
steps.
The carrier frequency is adjustable by the DSP core pro-
cessor in order to provide additional frequency adjustment
between base and handset. This is provided in case of a
frequency offset too large for possible correction by the
AFC.
The modulator also includes bit inversion logic as dis-
cussed in the receiver section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com