Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358AM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM358AM/NOPB
Description  Low-Power, Dual-Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358AM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM358AM/NOPB Datasheet HTML 4Page - Texas Instruments LM358AM/NOPB Datasheet HTML 5Page - Texas Instruments LM358AM/NOPB Datasheet HTML 6Page - Texas Instruments LM358AM/NOPB Datasheet HTML 7Page - Texas Instruments LM358AM/NOPB Datasheet HTML 8Page - Texas Instruments LM358AM/NOPB Datasheet HTML 9Page - Texas Instruments LM358AM/NOPB Datasheet HTML 10Page - Texas Instruments LM358AM/NOPB Datasheet HTML 11Page - Texas Instruments LM358AM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LM158-N, LM258-N, LM2904-N, LM358-N
SNOSBT3I – JANUARY 2000 – REVISED DECEMBER 2014
www.ti.com
Electrical Characteristics: LM358, LM2904 (continued)
V
+ = +5.0 V, See(1), unless otherwise stated
LM358
LM2904
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Input Common-Mode
V+ = 30 V, See(4) (LM2904, V+ = 26 V)
0
V+
−2
0
V+
−2
V
Voltage Range
Large Signal Voltage Gain
V+ = +15 V
(VO = 1 V to 11 V)
15
15
V/mV
RL ≥ 2 kΩ
Output
VOH
V+ = 30 V
RL = 2 kΩ
26
22
V
Voltage
(LM2904, V+ = 26 V)
RL = 10 kΩ
27
28
23
24
V
Swing
VOL
V+ = 5 V, RL = 10 kΩ
5
20
5
100
mV
Output Current
Source
VIN
+ = 1 V, V
IN
− = 0 V,
10
20
10
20
mA
V+ = 15 V, VO = 2 V
Sink
VIN
− = 1 V, V
IN
+ = 0 V,
5
8
5
8
mA
V+ = 15 V, VO = 2 V
8
Submit Documentation Feedback
Copyright © 2000–2014, Texas Instruments Incorporated
Product Folder Links: LM158-N LM258-N LM2904-N LM358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com