Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM358AM/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM358AM/NOPB
Description  Low-Power, Dual-Operational Amplifiers
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM358AM/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM358AM/NOPB Datasheet HTML 1Page - Texas Instruments LM358AM/NOPB Datasheet HTML 2Page - Texas Instruments LM358AM/NOPB Datasheet HTML 3Page - Texas Instruments LM358AM/NOPB Datasheet HTML 4Page - Texas Instruments LM358AM/NOPB Datasheet HTML 5Page - Texas Instruments LM358AM/NOPB Datasheet HTML 6Page - Texas Instruments LM358AM/NOPB Datasheet HTML 7Page - Texas Instruments LM358AM/NOPB Datasheet HTML 8Page - Texas Instruments LM358AM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM158-N, LM258-N, LM2904-N, LM358-N
SNOSBT3I – JANUARY 2000 – REVISED DECEMBER 2014
LMx58-N Low-Power, Dual-Operational Amplifiers
1 Features
3 Description
The LM158 series consists of two independent, high
1
•
Available in 8-Bump DSBGA Chip-Sized Package,
gain, internally frequency compensated operational
(See AN-1112, SNVA009)
amplifiers which were designed specifically to operate
•
Internally Frequency Compensated for Unity Gain
from a single power supply over a wide range of
•
Large DC Voltage Gain:
100 dB
voltages. Operation from split power supplies is also
possible and the low power supply current drain is
•
Wide Bandwidth (Unity Gain):
1 MHz
independent of the magnitude of the power supply
(Temperature Compensated)
voltage.
•
Wide Power Supply Range:
Application areas include transducer amplifiers, dc
–
Single Supply:
3V to 32V
gain blocks and all the conventional op-amp circuits
–
Or Dual Supplies:
±1.5V to ±16V
which now can be more easily implemented in single
•
Very Low Supply Current Drain (500
power supply systems. For example, the LM158
series can be directly operated off of the standard
μA)—Essentially Independent of Supply Voltage
3.3-V power supply voltage which is used in digital
•
Low Input Offset Voltage:
2 mV
systems and will easily provide the required interface
•
Input Common-Mode Voltage Range Includes
electronics without requiring the additional ±15V
Ground
power supplies.
•
Differential Input Voltage Range Equal to the
The LM358 and LM2904 are available in a chip sized
Power Supply Voltage
package
(8-Bump
DSBGA)
using
TI's
DSBGA
•
Large Output Voltage Swing
package technology.
•
Unique Characteristics:
Device Information(1)
–
In the Linear Mode the Input Common-Mode
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Voltage Range Includes Ground and the
TO-CAN (8)
9.08 mm x 9.09 mm
Output Voltage Can Also Swing to Ground,
LM158-N
CDIP (8)
10.16 mm x 6.502 mm
even though Operated from Only a Single
LM258-N
TO-CAN (8)
9.08 mm x 9.09 mm
Power Supply Voltage.
DSBGA (8)
1.31 mm x 1.31 mm
–
The Unity Gain Cross Frequency is
LM2904-N
SOIC (8)
4.90 mm x 3.91 mm
Temperature Compensated.
PDIP (8)
9.81 mm x 6.35 mm
–
The Input Bias Current is also Temperature
TO-CAN (8)
9.08 mm x 9.09 mm
Compensated.
DSBGA (8)
1.31 mm x 1.31 mm
•
Advantages:
LM358-N
SOIC (8)
4.90 mm x 3.91 mm
–
Two Internally Compensated Op Amps
PDIP (8)
9.81 mm x 6.35 mm
–
Eliminates Need for Dual Supplies
(1) For all available packages, see the orderable addendum at
–
Allows Direct Sensing Near GND and VOUT
the end of the datasheet.
Also Goes to GND
–
Compatible with All Forms of Logic
Voltage Controlled Oscillator (VCO)
–
Power Drain Suitable for Battery Operation
2 Applications
•
Active Filters
•
General Signal Conditioning and Amplification
•
4- to 20-mA Current Loop Transmitters
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM358AM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM358AM NSC-LM358AM Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
Fairchild Semiconductor
LM358AM FAIRCHILD-LM358AM Datasheet
137Kb / 12P
Dual Operational Amplifier
logo
Texas Instruments
LM358AM TI-LM358AM Datasheet
1Mb / 33P
LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
logo
National Semiconductor ...
LM358AMX NSC-LM358AMX Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
LM358AMX TI-LM358AMX Datasheet
1Mb / 33P
LM158/LM258/LM358/LM2904 Low Power Dual Operational Amplifiers
More results

Similar Description - LM358AM/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
Low Power Dual Operational Amplifiers
logo
Hi-Sincerity Mocroelect...
HLM358 HSMC-HLM358 Datasheet
108Kb / 7P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
AP358 DIODES-AP358 Datasheet
298Kb / 15P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
AP358 Rev. 4
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158_07 Datasheet
318Kb / 20P
Low power dual operational amplifiers
25-Apr-2007
LM158W STMICROELECTRONICS-LM158W_08 Datasheet
326Kb / 18P
Low power dual operational amplifiers
11-Feb-2008
logo
Global Mixed-mode Techn...
G1520 GMT-G1520 Datasheet
797Kb / 1P
Low Power Dual Operational Amplifiers
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
DUAL LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com