Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV321 Datasheet(PDF) 4 Page - Texas Instruments

Part # LPV321
Description  Rail-to-Rail Output Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV321 Datasheet(HTML) 4 Page - Texas Instruments

  LPV321_13 Datasheet HTML 1Page - Texas Instruments LPV321_13 Datasheet HTML 2Page - Texas Instruments LPV321_13 Datasheet HTML 3Page - Texas Instruments LPV321_13 Datasheet HTML 4Page - Texas Instruments LPV321_13 Datasheet HTML 5Page - Texas Instruments LPV321_13 Datasheet HTML 6Page - Texas Instruments LPV321_13 Datasheet HTML 7Page - Texas Instruments LPV321_13 Datasheet HTML 8Page - Texas Instruments LPV321_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
LPV321, LPV324-N, LPV358-N
SNOS413D – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
5V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = 2.0V, VO = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min (1)
Typ (2)
Max (1)
Units
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
50
65
dB
VO = 1V, VCM = 1V
VCM
Input Common-Mode Voltage
For CMRR
≥ 50 dB
0
−0.2
V
Range
4.2
4
AV
Large Signal Voltage Gain
RL = 100 kΩ
15
100
V/mV
(3)
10
VO
Output Swing
RL = 100 kΩ to 2.5V
V+
−100
V+
−3.5
V+
−200
mV
90
180
220
IO
Output Short Circuit Current
LPV324, LPV358, and LPV321-N
2
16
Sourcing
VO = 0V
Output Short Circuit Current Sinking
LPV321-N
20
60
mA
VO = 5V
LPV324 and LPV358
11
16
VO = 5V
IS
Supply Current
LPV321-N
9
12
15
LPV358
15
20
µA
Both amplifiers
24
LPV324
28
42
All four amplifiers
46
(3)
RL is connected to V
-. The output voltage is 0.5V ≤ V
O ≤ 4.5V.
5V AC Electrical Characteristics
Unless otherwise specified, all limits specified for TJ = 25°C, V
+ = 5V, V− = 0V, V
CM = 2.0V, VO = V
+/2 and R
L > 1MΩ.
Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min (1)
Typ (2)
Min (1)
Units
SR
Slew Rate
(3)
0.1
V/µs
GBWP
Gain-Bandwidth Product
CL = 22 pF
152
kHz
Φm
Phase Margin
87
Deg
Gm
Gain Margin
19
dB
en
Input-Referred Voltage Noise
f = 1 kHz,
146
nV/
√Hz
in
Input-Referred Current Noise
f = 1 kHz
0.30
pA/
√Hz
(1)
All limits are specified by testing or statistical analysis.
(2)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(3)
Connected as voltage follower with 3V step input. Number specified is the slower of the positive and negative slew rates.
4
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LPV321 LPV324-N LPV358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com