Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV321 Datasheet(PDF) 5 Page - Texas Instruments

Part # LPV321
Description  Rail-to-Rail Output Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV321 Datasheet(HTML) 5 Page - Texas Instruments

  LPV321_13 Datasheet HTML 1Page - Texas Instruments LPV321_13 Datasheet HTML 2Page - Texas Instruments LPV321_13 Datasheet HTML 3Page - Texas Instruments LPV321_13 Datasheet HTML 4Page - Texas Instruments LPV321_13 Datasheet HTML 5Page - Texas Instruments LPV321_13 Datasheet HTML 6Page - Texas Instruments LPV321_13 Datasheet HTML 7Page - Texas Instruments LPV321_13 Datasheet HTML 8Page - Texas Instruments LPV321_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
LPV321, LPV324-N, LPV358-N
www.ti.com
SNOS413D – AUGUST 2000 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Supply Current
Input Current
vs.
vs.
Supply Voltage (LPV321-N)
Temperature
Figure 4.
Figure 5.
Sourcing Current
Sourcing Current
vs.
vs.
Output Voltage
Output Voltage
Figure 6.
Figure 7.
Sinking Current
Sinking Current
vs.
vs.
Output Voltage
Output Voltage
Figure 8.
Figure 9.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LPV321 LPV324-N LPV358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com