Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPV321 Datasheet(PDF) 6 Page - Texas Instruments

Part # LPV321
Description  Rail-to-Rail Output Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LPV321 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LPV321_13 Datasheet HTML 2Page - Texas Instruments LPV321_13 Datasheet HTML 3Page - Texas Instruments LPV321_13 Datasheet HTML 4Page - Texas Instruments LPV321_13 Datasheet HTML 5Page - Texas Instruments LPV321_13 Datasheet HTML 6Page - Texas Instruments LPV321_13 Datasheet HTML 7Page - Texas Instruments LPV321_13 Datasheet HTML 8Page - Texas Instruments LPV321_13 Datasheet HTML 9Page - Texas Instruments LPV321_13 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LPV321, LPV324-N, LPV358-N
SNOS413D – AUGUST 2000 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = +5V, single supply, TA = 25°C.
Output Voltage Swing
Input Voltage Noise
vs.
vs.
Supply Voltage
Frequency
Figure 10.
Figure 11.
Input Current Noise
Input Current Noise
vs
vs
Frequency
Frequency
Figure 12.
Figure 13.
Crosstalk Rejection
PSRR
vs.
vs.
Frequency
Frequency
Figure 14.
Figure 15.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LPV321 LPV324-N LPV358-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com