Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196 Datasheet(PDF) 34 Page - ASIX Electronics Corporation

Part # AX88196
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196 Datasheet(HTML) 34 Page - ASIX Electronics Corporation

Back Button AX88196 Datasheet HTML 30Page - ASIX Electronics Corporation AX88196 Datasheet HTML 31Page - ASIX Electronics Corporation AX88196 Datasheet HTML 32Page - ASIX Electronics Corporation AX88196 Datasheet HTML 33Page - ASIX Electronics Corporation AX88196 Datasheet HTML 34Page - ASIX Electronics Corporation AX88196 Datasheet HTML 35Page - ASIX Electronics Corporation AX88196 Datasheet HTML 36Page - ASIX Electronics Corporation AX88196 Datasheet HTML 37Page - ASIX Electronics Corporation AX88196 Datasheet HTML 38Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
AX88196
Local CPU BUS MAC Controller
ASIX ELECTRONICS CORPORATION
34
Appendix A: Application Note
A.1 Using Crystal 25MHz or 20MHz
AX88196
To PHY
CLKO
25MHz
XTALIN
XTALOUT
25MHz
Crystal
8pf
2Mohm
8pf
Note : The capacitors (8pf) may be various depend on the specification of crystal. While designing,
please refer to the suggest circuit provided by crystal supplier.
A.2 Using Oscillator 25MHz or 20MHz
AX88190A
To PHY
CLKO
20MHz
XTALIN
XTALOUT
NC
3.3V Power OSC
20MHz
A.3 Using 60MHz Oscillator/Crystal
AX88196
To PHY
CLKO
60MHz
/CLK_DIV3
Pull Low
20MHz
XTALIN
XTALOUT
NC
3.3V Power OSC
60MHz
Devided
By 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com