Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88196 Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88196
Description  10/100BASE 3-in-1 Local CPU Bus Fast Ethernet Controller with Embedded SRAM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88196 Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88196 Datasheet HTML 1Page - ASIX Electronics Corporation AX88196 Datasheet HTML 2Page - ASIX Electronics Corporation AX88196 Datasheet HTML 3Page - ASIX Electronics Corporation AX88196 Datasheet HTML 4Page - ASIX Electronics Corporation AX88196 Datasheet HTML 5Page - ASIX Electronics Corporation AX88196 Datasheet HTML 6Page - ASIX Electronics Corporation AX88196 Datasheet HTML 7Page - ASIX Electronics Corporation AX88196 Datasheet HTML 8Page - ASIX Electronics Corporation AX88196 Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
ASIX ELECTRONICS CORPORATION
First Released Date : Dec/13/1999
2F, NO.13, Industry East Rd. II, Science-based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
AX88196 L
10/100BASE Fast Ethernet MAC Controller
10/100BASE Local CPU Bus Fast Ethernet MAC Controller
with Embedded SRAM, SNI interface and Parallel Port
Document No.: AX196-12 / V1.2 / May. 12 ’00
Features
•
IEEE 802.3u 100BASE-T, TX, and T4 Compatible
•
Single chip local CPU bus 10/100Mbps Fast
Ethernet MAC Controller
•
Embedded 8K * 16 bit SRAM
•
NE2000 register level compatible instruction
•
Support both 8 bit and 16 bit local CPU interfaces
include MCS-51 series, 80186 series and MC68K
series CPU
•
Support both 10Mbps and 100Mbps data rate
•
Support both full-duplex or half-duplex operation
•
Provides a MII port for both 10/100Mbps operation
•
Provides SNI I/F for Home LAN PHY or 10M
transceiver option
•
Support EEPROM interface to store MAC address
•
External and internal loop-back capability
•
Support Standard Print Port, can also used as
general I/O port
•
128-pin LQFP low profile package
•
20MHz to 25MHz Operation, Dual 5V and 3.3V
CMOS process with 5V I/O tolerance. Or pure 3.3V
operation
*IEEE is a registered trademark of the Institute of
Electrical and Electronic Engineers, Inc.
*All other trademarks and registered trademark are the
property of their respective holders.
Product description
The AX88196 Fast Ethernet Controller is a high performance and highly integrated local CPU bus Ethernet
Controller with embedded 8K*16 bit SRAM. The AX88196 supports both 8 bit and 16 bit local CPU interfaces
include MCS-51 series, 80186 series, MC68K series CPU and ISA bus. The AX88196 implements both 10Mbps and
100Mbps Ethernet function based on IEEE802.3 / IEEE802.3u LAN standard and supports both 10Mbps/100Mbps
media-independent interface (MII) and legacy pure 10Mbps SNI interface to simplify the design. Using Serial
Network Interface (SNI) transceiver, Home LAN PHY or 10BASE-2 BNC type media can be supported.
As well as, the chip also provides Standard Print Port (parallel port interface), can be used for printer server device or
treat as simple general I/O port.
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product specification without notice. No liability
is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
AX88196
AD BUS
Addr L
Addr H
Ctl BUS
10/100M
PHY/TxRx
RJ45
Home LAN
PHY
Or 10M
PHY/TxRx
RJ11
or
BNC
Print Port
Or General I/O Ports


Similar Part No. - AX88196

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88196BLF ASIX-AX88196BLF Datasheet
636Kb / 86P
Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller with MII Interface
More results

Similar Description - AX88196

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C971 AMD-AM79C971 Datasheet
3Mb / 265P
PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
logo
ASIX Electronics Corpor...
AX88796L ASIX-AX88796L Datasheet
931Kb / 71P
3-in-1 Local Bus Fast Ethernet Controller
logo
Winbond
W89C841F WINBOND-W89C841F Datasheet
1Mb / 102P
3-IN - 1 10/100M FAST ETHERNET CONTROLLER
logo
List of Unclassifed Man...
ADM9511 ETC-ADM9511 Datasheet
832Kb / 125P
LAN/Modem Controller with Embedded Fast Ethernet PHY
logo
ASIX Electronics Corpor...
AX88141 ASIX-AX88141 Datasheet
297Kb / 43P
100BASE-TX/FX PCI BUS FAST ETHERNET MAC CONTROLLER WITH POWER MANAGEMENT
AX88195P ASIX-AX88195P Datasheet
510Kb / 37P
10/100BASE Local CPU Bus Fast Ethernet MAC Controller
AX88190P ASIX-AX88190P Datasheet
596Kb / 41P
10/100BASE PCMCIA Fast Ethernet MAC Controller
AX88790L ASIX-AX88790L Datasheet
646Kb / 60P
10/100BASE 3-in-1 PCMCIA Fast Ethernet Controller
AX88190AL ASIX-AX88190AL Datasheet
643Kb / 49P
10/100BASE PCMCIA Fast Ethernet MAC Controller
logo
Davicom Semiconductor, ...
DM9302 DAVICOM-DM9302 Datasheet
406Kb / 64P
10/100Mbps Ethernet Fiber/Twisted Pair Media Converter with Local bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com